công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CA-113-R2

  • AI
    The **W2CA-113-R2** is a specialized electronic component, typically categorized as a high-precision **Current Transformer (CT)** or a **Zero-Phase Current Transformer (ZCT)**, often used in industrial monitoring, protection relays, or leakage current detection systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Current Transformer (CT) / Zero-phase CT | | **Primary Current Range** | Varies by application (typically used for detection) | | **Secondary Output** | Voltage or current proportional to magnetic flux | | **Termination Type** | Wire leads or Pin terminals (Model dependent) | | **Housing Material** | Flame-retardant ABS or Epoxy resin | | **Dielectric Strength** | Usually 2,000V AC for 1 minute | --- ### 2. Core Electronic Functions The W2CA-113-R2 operates based on the principle of electromagnetic induction. Its internal parts work together to perform the following: * **Toroidal Magnetic Core:** The heart of the part is a high-permeability nanocrystalline or permalloy core. This core captures the magnetic field generated by the primary conductor passing through its center. * **Secondary Winding:** Fine copper wire is wound precisely around the core. This winding converts the magnetic flux into a measurable electrical signal. * **Linearity:** The "R2" designation often implies a specific accuracy class or revision meant for linear output across a specific range of current, ensuring the signal is not distorted. --- ### 3. Common Applications This part is frequently integrated into larger electronic systems for: 1. **Earth Leakage Circuit Breakers (ELCB):** To detect imbalances between phase and neutral lines. 2. **Industrial Energy Meters:** Providing a scaled-down current for digital processing. 3. **Overcurrent Protection:** Triggering a shut-off mechanism when current exceeds safe thresholds. --- ### 4. Installation and Wiring When integrating the W2CA-113-R2 into a PCB or control panel, observe the following: * **Polarity:** Ensure the "K" and "L" (or P1/P2) markings are followed for correct phase orientation. * **Burden Resistor:** If the output is current-based, a specific burden resistor must be placed across the secondary terminals to convert the current into a voltage readable by an ADC (Analog-to-Digital Converter). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated primary current for the W2CA-113-R2?
    • ⤷ Does this model require an external burden resistor for voltage output?
    • ⤷ How does the 'R2' suffix change the specifications compared to the base model?