công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-G15-R

  • AI
    The **W2AP-G15-R** is a specific variant of the **W2AP series** of industrial-grade Wireless Access Points, typically designed for automation, IoT, and embedded environments. It often utilizes the **802.11ac (Wi-Fi 5)** standard and is designed for high reliability in harsh environments. ### 1. Core Electronic Specifications The internal architecture focuses on radio frequency (RF) stability and power management. | Component | Specification | Description | | :--- | :--- | :--- | | **Wireless Standard** | IEEE 802.11a/b/g/n/ac | Dual-band support (2.4GHz & 5GHz). | | **CPU/Processor** | Enterprise-grade SoC | Usually a Qualcomm or MediaTek industrial chipset. | | **Memory (RAM)** | 128MB - 256MB DDR3 | Handles traffic routing and security protocols. | | **Storage (Flash)** | 16MB - 32MB SPI | Stores the firmware and configuration files. | | **Antenna Interface** | RP-SMA Connectors | External connectors for high-gain antenna attachment. | | **Ethernet Port** | 10/100/1000 Base-T | RJ45 port for wired backhaul. | --- ### 2. Power and Protection Circuits Since this is an industrial part, the power management stage is more robust than consumer-grade routers. * **PoE (Power over Ethernet):** Supports IEEE 802.3af/at standards, allowing the device to be powered through the data cable. * **DC Input:** Often includes a wide-voltage terminal block (e.g., 9V to 48V DC) to accommodate industrial power rails. * **Protection Circuits:** * **ESD Protection:** Protects the Ethernet and RF ports from static discharge. * **Surge Protection:** Built-in isolation to prevent damage from power spikes. * **Reverse Polarity Protection:** Prevents damage if DC power leads are swapped. --- ### 3. Physical Layout & Design The "R" in the suffix often denotes a specific mounting or ruggedization style (such as DIN-Rail or specific IP rating). * **Enclosure:** Usually a metal (Aluminum) casing acting as a large heat sink for the internal SoC. * **Thermal Management:** Industrial components are rated for high-temperature operations (often -40°C to +75°C). * **LED Indicators:** Hardware status LEDs for Power, LAN, and Wireless Signal Strength (RSSI). --- ### 4. Implementation Example (System Block Diagram) ```mermaid graph LR A[DC/PoE Power Input] --> B[Voltage Regulator/PMU] B --> C[Main SoC/CPU] C --> D[2.4GHz Radio] C --> E[5GHz Radio] D --> F[Antenna Port 1] E --> G[Antenna Port 2] C --> H[Gigabit Ethernet PHY] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting options for the W2AP-G15-R?
    • ⤷ What is the maximum data throughput supported by this model?
    • ⤷ Does this model support Mesh networking or Fast Roaming?