W2AP-G14-R/CE
AI

The **W2AP-G14-R/CE** is a high-performance **Wireless Access Point (WAP)** module typically utilized in industrial automation, robotics, and commercial IoT applications. It is designed to bridge the gap between wired Ethernet networks and wireless devices.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Wireless Standard** | IEEE 802.11 b/g/n (2.4 GHz Band) |
| **Interface** | Ethernet (RJ45) / Serial-to-WiFi bridging |
| **Input Voltage** | Typically 5V DC to 12V DC (Model dependent) |
| **Antenna Connector** | Usually integrated or R-SMA connector |
| **Form Factor** | Compact, Rail-mountable or embedded module |
| **Operational Temp** | Industrial grade (-20°C to +70°C) |
---
### 2. Core Electronic Components & Architecture
The internal circuitry of the W2AP-G14-R/CE consists of several critical subsystems:
#### A. The Wireless SoC (System on Chip)
The heart of the module is an integrated WiFi chip (often based on Realtek or Atheros chipsets). This handles the:
* **MAC (Media Access Control):** Manages data framing and collision avoidance.
* **Baseband Processor:** Converts digital data into signals ready for radio transmission.
#### B. RF Front-End (Radio Frequency)
* **Power Amplifier (PA):** Boosts the signal for transmission to ensure long-range coverage.
* **Low Noise Amplifier (LNA):** Enhances weak incoming signals from other devices.
* **Band Pass Filters (BPF):** Removes interference from other wireless frequencies (like Bluetooth or Microwave ovens).
#### C. Power Management Unit (PMU)
Because industrial environments have "dirty" power, this part includes:
* **Voltage Regulators:** Steps down input voltage to the 3.3V or 1.8V required by the chips.
* **Protection Circuits:** TVS diodes to prevent damage from Electrostatic Discharge (ESD) and surges.
#### D. Connectivity Interface
* **Ethernet PHY:** A physical layer chip that manages the wired connection to the local area network.
* **Flash Memory:** Stores the firmware, configuration settings, and security protocols (WPA2/WPA3).
---
### 3. Application Use Cases
1. **PLC Communication:** Connecting Programmable Logic Controllers to a wireless monitoring station.
2. **AGV/AMR Robotics:** Providing a stable data link for autonomous mobile robots in a warehouse.
3. **Serial-to-Wireless:** Converting legacy RS-232/485 data into WiFi packets for remote cloud monitoring.
---
- ⤷
What are the specific pinout diagrams for the W2AP-G14-R/CE header?
- ⤷ How do I configure the W2AP-G14-R/CE for Client Mode vs Access Point Mode?
- ⤷ What is the maximum data throughput supported by this module?