W2AP-D2Y-R/UL
AI

The **W2AP-D2Y-R/UL** is a specialized electronic component, specifically a **high-reliability illuminated push-button switch** or indicator (depending on the specific mounting configuration) manufactured by **IDEC** (though often associated with specific industrial panel series).
Below is the technical breakdown of its electronic parts and specifications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used in industrial control components.
| Feature | Specification |
| :--- | :--- |
| **Product Category** | Miniature Control Unit / Pilot Light |
| **Mounting Hole Size** | 8mm (Typical for W series) |
| **Input Voltage** | 24V DC (Standard for "D2" designation) |
| **Illumination Type** | LED (High-brightness) |
| **Color** | Red (Indicated by "R") |
| **Certification** | UL Recognized (indicated by "UL") |
---
### 2. Key Electronic Components
#### A. Internal LED Module
The core of the unit is a surface-mount or integrated LED.
* **Voltage Regulation:** The "D2" code indicates a 24V DC rating. Internally, the part contains a **current-limiting resistor** to prevent the LED from burning out when connected directly to an industrial power supply.
* **Polarity:** Being a DC component, it has specific anode (+) and cathode (-) terminals, usually marked on the side of the housing.
#### B. Termination (Connections)
The "Y" in the part number often refers to the **Solder/Tab terminals**.
* **Material:** Usually silver-plated or gold-plated brass for high conductivity and oxidation resistance.
* **Safety:** The terminals are spaced to prevent arcing and are often compatible with quick-connect female crimp connectors.
#### C. Optical Lens System
The "R" suffix stands for **Red**.
* **Material:** Polycarbonate or Acrylic.
* **Diffuser:** The lens is designed with internal ribbing or frosting to ensure the light is evenly distributed across the face of the button, preventing "hot spots" from the internal LED.
---
### 3. Application and Usage
This part is commonly found in:
1. **Industrial Control Panels:** As a status indicator (Power ON, Fault, etc.).
2. **Medical Equipment:** Due to its small 8mm footprint and UL safety rating.
3. **Test Instruments:** Used where space is limited but high-visibility signaling is required.
---
### 4. Circuit Diagram Representation
When drawing this in a schematic, it is represented as a standard LED with an integrated resistor.
```text
(+) ---[ Resistor ]---( LED )--- (-)
(Built-in) (Red)
```
- ⤷
What are the alternative voltage ratings available for the W series?
- ⤷ Can this component be used with AC power supplies?
- ⤷ What is the maximum current draw for the W2AP-D2Y-R/UL?