W2AP-D2G-R/UL
AI

## Technical Analysis of W2AP-D2G-R/UL
The **W2AP-D2G-R/UL** is a high-performance industrial AC fan manufactured by **Sanyo Denki** under the **San Ace** brand. It is an AC-powered axial fan designed for high-reliability cooling in server racks, industrial cabinets, and power supplies.
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 115V AC (50/60Hz) |
| **Dimensions** | 120mm x 120mm x 38mm |
| **Bearing Type** | Dual Ball Bearing |
| **Rated Speed** | 2,700 ~ 3,100 RPM |
| **Airflow** | 88 ~ 102 CFM (Cubic Feet per Minute) |
| **Material** | Aluminum Frame / Plastic Impeller (UL94V-0) |
| **Safety Certification** | UL / CSA / CE |
---
### 2. Internal Electronic Components & Design
The "D2G" series features specific internal architectures that distinguish it from standard consumer fans:
#### A. Shaded Pole Motor Structure
Unlike DC fans that use complex PCB controllers, this AC fan typically utilizes a **shaded pole** or **capacitor-run induction motor**.
* **Stator Windings:** High-quality copper windings with thermal insulation to withstand continuous operation.
* **Rotor:** A permanent magnet or induction rotor optimized for high torque to overcome static pressure.
#### B. Thermal Protection
The "UL" suffix indicates adherence to strict safety standards. The motor contains an internal **Impedance Protection** or **Thermal Cut-off** mechanism. If the fan blades are locked (locked rotor condition), the internal impedance prevents the coils from overheating and catching fire.
#### C. Bearings and Longevity
* **Dual Ball Bearings:** The "R" in the part number often denotes high-reliability revisions. Dual ball bearings allow the fan to be mounted in any orientation (horizontal or vertical) and provide a service life typically exceeding 40,000 to 70,000 hours at 60°C.
#### D. Power Connection
The unit usually features:
* **Lead Wires:** UL1007 AWG24 or similar, typically two wires (Power and Neutral) as it is a single-phase AC device.
* **Grounding:** The aluminum frame often includes a grounding point to prevent ESD (Electrostatic Discharge) buildup.
---
### 3. Application Use Cases
1. **Industrial Control Panels:** Heat dissipation for PLCs and Motor Drives.
2. **Network Enclosures:** Maintaining airflow in 19-inch server racks.
3. **Medical Equipment:** High-reliability cooling where downtime is not an option.
---
- ⤷What is the difference between the W2AP and the 109S series from Sanyo Denki?
- ⤷ How do I wire this fan for a 230V system if I have the 115V model?
- ⤷ What are the noise levels (dB) for this specific model at full speed?