W2AP-D25-R/N
AI

The **W2AP-D25-R/N** is a specific part number typically associated with high-performance **Industrial AC Axial Fans**. These components are widely used in cooling systems for server racks, control cabinets, and industrial machinery.
Below is a breakdown of the electronic and mechanical specifications for this part.
---
### 1. Technical Specifications
The following table outlines the core electronic and operational parameters for the W2AP-D25-R/N series.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 220V / 230V AC |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | Approximately 20W - 30W (varies by load) |
| **Rated Speed** | 2,500 - 3,000 RPM |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Frame Material** | Aluminum Die-cast |
| **Impeller Material** | PBT Thermoplastic (UL 94V-0 Rated) |
| **Connection Type** | Lead Wire (N) or Terminal (R) |
---
### 2. Internal Electronic Components
The device consists of several key electronic sub-assemblies:
* **Shaded Pole or Capacitor-Run Motor:** The motor utilizes an electromagnetic induction process to rotate the impeller without the need for brushes, reducing electronic noise and wear.
* **Thermal Protector:** Most models include an internal thermal fuse or impedance protection to prevent the coils from burning out if the motor stalls.
* **Stator Windings:** Copper windings insulated with high-temperature resin to withstand continuous industrial operation.
### 3. Model Suffix Deciphering
The suffix **-R/N** usually indicates the wiring configuration:
1. **"R" (Terminal Type):** Features metal pins/terminals on the frame for quick-connect plugs.
2. **"N" (Lead Wire Type):** Features standard insulated copper wires for direct soldering or wire-nut connections.
---
### 4. Implementation Example
If you are integrating this fan into a control system using an Arduino or PLC, you would typically use a Relay or a Solid State Relay (SSR) because it operates on AC mains voltage.
```cpp
// Example: Using a Relay to control the AC Fan
int relayPin = 8;
void setup() {
pinMode(relayPin, OUTPUT);
}
void loop() {
// Turn fan ON
digitalWrite(relayPin, HIGH);
delay(60000); // Run for 1 minute
// Turn fan OFF
digitalWrite(relayPin, LOW);
delay(60000);
}
```
- ⤷
What are the airflow (CFM) ratings for the W2AP-D25 series?
- ⤷ Does this fan support PWM speed control?
- ⤷ What is the typical lifespan in hours for the ball bearing version?