W2AP-D1G-R
AI

The **W2AP-D1G-R** is a specialized electronic component primarily categorized as an **Electromagnetic Buzzer** (or Magnetic Transducer). These components are designed to convert electrical signals into audible sound waves using electromagnetic induction.
---
### 1. Key Technical Specifications
The following table highlights the typical electronic characteristics of the W2AP series (specifically the 1V to 1.5V D1G variant):
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | 1.5V DC |
| **Operating Voltage** | 1.0V ~ 1.7V DC |
| **Rated Current** | Max 80mA |
| **Sound Pressure Level (SPL)** | Min 85dB (at 10cm) |
| **Resonant Frequency** | 2,300Hz ± 300Hz |
| **Operating Temperature** | -20°C to +70°C |
| **Mounting Type** | Through-hole (Pins) |
---
### 2. Internal Components & Construction
The "W2AP" series typically consists of four main electronic/mechanical parts:
1. **Electromagnet (Coil):** A copper wire coil wrapped around a soft iron core. When current flows, it creates a magnetic field.
2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field.
3. **Vibrating Diaphragm:** A thin metal disk (often containing a small iron piece) that is pulled and released rapidly by the magnetic forces.
4. **Housing (Resonator):** A plastic casing designed to amplify the sound at the resonant frequency.
---
### 3. Circuit Integration
Unlike "active" buzzers that have internal oscillating circuits, this model is usually a **passive transducer**.
* **Driving Signal:** It requires an external square wave signal at its resonant frequency (approx. 2.3kHz) to produce sound.
* **Protection:** Because it is an inductive load (a coil), it is highly recommended to place a **flyback diode** in parallel with the buzzer to prevent voltage spikes from damaging the driving transistor or MCU.
```cpp
// Example: Basic Arduino code to drive a 2.3kHz Buzzer
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
tone(buzzerPin, 2300); // Send 2.3kHz square wave
delay(500);
noTone(buzzerPin); // Stop sound
delay(500);
}
```
---
### 4. Applications
The W2AP-D1G-R is commonly found in:
* **Household Appliances:** Microwave beepers or washing machine alerts.
* **Industrial Equipment:** Control panel status indicators.
* **Handheld Devices:** Battery-operated testers requiring low-voltage sound components.
- ⤷
Does this buzzer require an external oscillator to function?
- ⤷ What is the recommended circuit to protect the MCU from this buzzer's back-EMF?
- ⤷ Can this component be used with a 5V supply if a resistor is added?