AI

The **W2AP-D15-R/CE** is a high-performance **Industrial Wireless Access Point** manufactured by **Westermo**. It is designed specifically for harsh environments, such as rail applications (rolling stock) and heavy industrial automation, where vibration, extreme temperatures, and electrical noise are common.
---
## Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Model** | W2AP-D15-R/CE |
| **Wireless Standard** | IEEE 802.11a/b/g/n/ac (Wi-Fi 5) |
| **Frequency Bands** | 2.4 GHz and 5 GHz (Dual Band) |
| **Ethernet Ports** | 2 x 10/100/1000 Base-T (M12 Connectors) |
| **Power Input** | Redundant DC Power (e.g., 24V to 110V DC) |
| **IP Rating** | IP66 (Water and Dust Proof) |
| **Operating Temp** | -40°C to +70°C |
---
## Core Electronic Components & Architecture
### 1. Processing and Radio Chipsets
The device utilizes industrial-grade chipsets capable of supporting **MIMO (Multiple Input, Multiple Output)** technology. This allows for higher data throughput and more reliable connections in environments with significant physical obstructions.
### 2. M12 Interface Connectors
Unlike standard RJ45 connectors found on consumer routers, the W2AP-D15-R/CE uses **M12 D-coded or X-coded connectors**. These provide:
* **Vibration Resistance:** Threaded locking mechanisms ensure the connection does not loosen on moving trains.
* **Sealing:** Contributes to the IP66 rating, preventing moisture ingress.
### 3. Power Supply Unit (PSU)
The internal power circuitry is designed for the "R" (Railway) designation:
* **Wide Input Range:** Handles fluctuations in voltage common in railway battery systems.
* **Galvanic Isolation:** Protects the internal electronics from power surges and electromagnetic interference (EMI).
### 4. RF (Radio Frequency) Front-End
* **Antenna Ports:** Usually features QMA or N-type connectors for external antennas.
* **Filters:** High-rejection filters are integrated to prevent interference from other onboard electronic systems (like GSM-R or radio communications).
---
## Key Features for Industrial Use
* **Dual Radio Support:** Can operate as an Access Point and a Client/Bridge simultaneously or provide redundancy across two different frequencies.
* **Cybersecurity Hardware:** Includes hardware-level support for WPA3, VPN (IPsec/OpenVPN), and stateful firewalls.
* **EN 50155 Compliance:** This is the critical electronic standard for railway applications, covering temperature, humidity, shock, and vibration.
---
- ⤷
What are the specific EN 50155 environmental classes this model supports?
- ⤷ Can this device be powered via Power over Ethernet (PoE)?
- ⤷ What is the maximum data rate supported across the 5GHz band?