công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-A24-R/Q

  • AI
    The **W2AP-A24-R/Q** is a high-performance industrial wireless access point module, typically integrated into ruggedized networking equipment or IoT gateways. It is based on the **Qualcomm Atheros** architecture, specifically designed for high-density environments requiring reliable Wi-Fi 5 (802.11ac) connectivity. --- ### 1. Key Electronic Specifications | Component / Feature | Specification Details | | :--- | :--- | | **Main Chipset** | Qualcomm Atheros (QCA series) | | **Wireless Standard** | IEEE 802.11a/b/g/n/ac Wave 2 | | **Frequency Bands** | Concurrent 2.4 GHz and 5 GHz | | **MIMO Support** | 2x2 or 4x4 MU-MIMO (depending on specific R/Q sub-variant) | | **Interface Type** | Mini PCIe or M.2 (Internal) / RJ45 Gigabit Ethernet (External) | | **Data Rate** | Up to 1267 Mbps combined (AC1300 class) | | **Power Input** | IEEE 802.3at/af PoE or 12V-24V DC | --- ### 2. Core Electronic Components #### A. Radio Frequency (RF) Front-End The module utilizes advanced **FEMs (Front-End Modules)** that integrate power amplifiers (PA) and low-noise amplifiers (LNA). * **PA (Power Amplifier):** Increases the signal strength for long-range transmission. * **LNA (Low Noise Amplifier):** Improves the sensitivity to receive weak signals from distant clients. #### B. Processing & Memory * **CPU:** Usually features an embedded MIPS or ARM-based processor integrated within the QCA SoC to handle packet routing and security encryption (WPA3/WPA2) without slowing down the RF throughput. * **Flash/RAM:** Typically equipped with **128MB to 256MB DDR3 RAM** and **16MB to 32MB SPI Nor Flash** for firmware storage. #### C. Power Management The "A24" designation often refers to its optimized power circuitry, designed to handle voltage fluctuations common in industrial settings. It includes: * **TVS Diodes:** For ESD protection on Ethernet ports. * **DC-DC Converters:** To step down PoE (48V) or DC inputs to the 3.3V/1.1V required by the chipset. --- ### 3. Physical & Interface Layout ```mermaid graph LR A[Antenna Connectors U.FL/SMA] --- B[RF Transceiver] B --- C[Qualcomm SoC] C --- D[Ethernet PHY] C --- E[DDR3 Memory] F[PoE/DC Input] --- G[Voltage Regulator] G --- C ``` --- ### 4. Application Use Cases * **Industrial Automation:** Connecting PLCs and sensors to a central network. * **Smart Cities:** Providing public Wi-Fi via outdoor enclosures. * **Transportation:** Installation in buses or trains for passenger internet (due to the wide voltage input range).
    ✨ Follow-up Questions
    • ⤷ What is the exact power consumption of the W2AP-A24-R/Q under full load?
    • ⤷ Does this specific model support OpenWrt or proprietary firmware?
    • ⤷ What are the thermal operating limits for this module in industrial enclosures?