W2AP-A1Y-R2
AI

The **W2AP-A1Y-R2** is a specific model within the **W2AP series** of industrial Analog-to-Analog Signal Conditioners (Transmitters) manufactured by **M-System**. These devices are used to isolate and convert standard industrial signals to ensure compatibility between sensors and PLC/DCS systems.
---
### 1. Model Breakdown (Nomenclature)
The model number specifies the hardware configuration and input/output characteristics:
| Code Segment | Description | Specific Value |
| :--- | :--- | :--- |
| **W2AP** | Series Name | Dual Output Signal Conditioner (Ultra-slim) |
| **A** | Input Type | **4 – 20 mA DC** |
| **1** | Output 1 | **1 – 5 V DC** |
| **Y** | Output 2 | **None / Specific (Varies by build)** |
| **R2** | Power Supply | **24 V DC** |
---
### 2. Key Electronic Components & Features
The internal circuitry of the W2AP-A1Y-R2 is designed for precision and protection in harsh environments.
#### A. Input Circuit (4-20mA)
* **Shunt Resistor:** Usually a high-precision, low-drift resistor that converts the current signal into a voltage for internal processing.
* **Overload Protection:** Includes diodes or clamping circuits to protect the unit from current surges.
#### B. Isolation Barrier
This is a critical electronic feature of this part. It provides **3-way isolation** (Input to Output to Power).
* **Optical/Magnetic Couplers:** Uses optoisolators or transformers to pass the signal across a physical gap, preventing ground loops and protecting sensitive equipment from high-voltage transients.
#### C. Signal Conditioning & Conversion
* **Operational Amplifiers (Op-Amps):** High-linearity amplifiers used to scale the input signal (4-20mA) to the standard output range (1-5V).
* **Zero/Span Adjustments:** Potentiometers located on the front of the device allow for fine-tuning the calibration to compensate for line loss.
#### D. Power Supply Unit
* **DC-DC Converter:** Since it operates on 24V DC, internal DC-DC conversion is used to provide stable, regulated voltages for the internal analog circuits.
---
### 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Impedance** | 250 $\Omega$ (for 4-20mA) |
| **Output Load Resistance** | Output 1: 2500 $\Omega$ minimum |
| **Accuracy** | $\pm$0.1% of span |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Isolation Resistance** | 100 M$\Omega$ minimum at 500 V DC |
| **Dielectric Strength** | 2000 V AC @ 1 minute |
---
### 4. Application Logic
The W2AP-A1Y-R2 is typically used when a field instrument (like a flow meter) outputs a **4-20mA current loop**, but the controller (PLC) requires a **1-5V voltage signal**. The device ensures that electrical noise on the field side does not travel to the control side through its isolation circuitry.
- ⤷
How do you calibrate the Zero and Span on the W2AP-A1Y-R2?
- ⤷ What are the mounting requirements for this specific signal conditioner?
- ⤷ Can the W2AP series handle AC power supply versions?