W2AP-A1G-R2/UL
AI

## Overview: W2AP-A1G-R2/UL
The **W2AP-A1G-R2/UL** is a specific model within the **W2 series** of AC/DC signal conditioners (transducers) manufactured by **M-System** (now often branded under **MG CO., LTD.**).
This device is designed to measure an Alternating Current (AC) signal and convert it into a standardized Direct Current (DC) signal. The "UL" suffix indicates it meets specific safety standards for the North American market.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Primary Function** | AC Current Transmitter (Average Sensing) |
| **Input Signal** | 0 – 1 A AC |
| **Output Signal** | 4 – 20 mA DC |
| **Power Supply** | 100 – 240V AC |
| **Construction** | Terminal block type (Plug-in) |
| **Accuracy** | ±0.3% |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
---
### Component Breakdown & Design
The internal electronics of this unit are categorized into three main functional stages:
#### 1. Input Stage (Sensing)
* **Isolation Transformer:** The input AC current (0-1A) enters through an internal current transformer. This provides galvanic isolation between the high-power input and the sensitive processing electronics.
* **Rectification Circuit:** Since this is an "Average Sensing" model, it uses a bridge rectifier to convert the AC waveform into a pulsating DC signal.
#### 2. Signal Conditioning Stage
* **Filtering:** Capacitors and low-pass filters smooth the rectified signal to derive the average value of the AC input.
* **Operational Amplifiers (Op-Amps):** These are used to scale the small voltage derived from the input to a linear level suitable for the output stage.
* **Zero/Span Adjustments:** Accessible potentiometers on the front allow for fine-tuning the 4mA (Zero) and 20mA (Span) points.
#### 3. Output Stage (Transmission)
* **V/I Converter:** A voltage-to-current converter circuit ensures that the output remains a constant 4-20mA regardless of the load resistance (up to a specified limit, usually 600 $\Omega$).
* **Isolation Barrier:** Optical or magnetic couplers ensure that the output signal is electrically isolated from both the input and the power supply.
---
### Terminal Connections (Typical)
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1 - 2** | Output (+) / (-) | 4-20mA DC Signal |
| **3 - 4** | Input (U) / (V) | 0-1A AC Current |
| **5 - 6** | Power Supply (L) / (N) | 100-240V AC Power |
---
### Standards and Certifications
* **UL/cUL Listed:** Evaluated to UL 61010-1 and CAN/CSA-C22.2 No. 61010-1 standards.
* **CE Marking:** Complies with EMC and Low Voltage Directives.
- ⤷
What is the maximum load resistance allowed for the 4-20mA output?
- ⤷ How does 'Average Sensing' differ from 'RMS Sensing' in this specific model?
- ⤷ Is there a version of this device that supports a 0-5A AC input?