công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-A1A-R

  • AI
    The **W2AP-A1A-R** is a specific industrial-grade **Rotary Switch** typically used in automotive, medical, and control panel applications. It is often associated with high-precision switching mechanisms designed for long-term durability. --- ### ## Technical Specifications Overview The following table highlights the core electrical and mechanical characteristics of the W2AP-A1A-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rotary Switch (Thru-Hole) | | **Number of Positions** | Variable (Commonly 10 or 16) | | **Contact Rating** | 100mA @ 50V DC (Non-switching) | | **Switching Rating** | 100mA @ 5V DC | | **Operating Temperature** | -25°C to +85°C | | **Actuator Style** | Arrow/Recessed (Rotary) | | **Terminal Pitch** | Standard 2.54mm (0.1 inch) | --- ### ## Internal Electronic Construction The part is built using several key layers that ensure electrical stability: 1. **Contact System**: Utilizes gold-plated or silver-plated contacts to prevent oxidation and ensure low contact resistance over the life of the switch. 2. **Base Material**: Usually constructed from high-heat resistant LCP (Liquid Crystal Polymer) or PPS (Polyphenylene Sulfide) to withstand wave soldering. 3. **Wiping Action**: The internal rotary disc features a "wiping" mechanism that cleans the contact surface during each rotation, preventing dust buildup from causing signal failure. 4. **Indexing Mechanism**: A spring-loaded ball or detent mechanism provides the tactile "click" and ensures the switch stays firmly in the selected position. ### ## Pin Configuration and Circuitry Typically, these switches are configured for Binary Coded Decimal (BCD) or Hexadecimal output. ```text Pin Map Example (Bottom View): (1) (C) (2) C = Common Terminal | | | 1, 2, 4, 8 = Output Pins for binary encoding (4) (C) (8) ``` ### ## Key Features * **Sealed Construction**: Often rated to IP67, making it resistant to water and dust during the wash process of PCB manufacturing. * **Compact Footprint**: Designed for high-density PCB mounting where space is limited. * **Logic Integration**: Used to set "Device IDs" or "Mode Selections" directly on a circuit board without needing software programming. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between BCD and Hexadecimal encoding in rotary switches?
    • ⤷ What are the recommended soldering profiles for the W2AP series?
    • ⤷ Can this switch be used for high-current power switching?