W2AP-A13-R/UL
AI

The **W2AP-A13-R/UL** is a specialized electronic component commonly used in industrial automation and control systems. It is primarily categorized as an **Electromagnetic Buzzer/Siren** or an **Acoustic Signaling Device**, often manufactured by companies like **Waco** or similar industrial hardware providers.
---
### 🛠️ Technical Specifications & Attributes
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electronic Piezo/Electromagnetic Buzzer |
| **Operating Voltage** | Typically 110V - 220V AC (A13 variant) |
| **Sound Level** | 80dB to 100dB at 1 meter |
| **Mounting Style** | Panel Mount / Surface Mount |
| **Certification** | UL Listed (Underwriters Laboratories) |
| **RoHS Compliant** | Yes (indicated by the 'R' suffix) |
| **Tone Type** | Continuous or Intermittent (model dependent) |
---
### 🔍 Key Part Number Breakdown
Understanding the nomenclature helps in identifying the specific electronic characteristics:
1. **W2AP**: Refers to the series/housing style (often a compact panel-mount design).
2. **A13**: Denotes the **Voltage Rating**. In many industrial codes, "A13" corresponds to high-voltage AC inputs (e.g., 110V/220VAC), making it suitable for control panels without needing a DC power supply.
3. **-R**: Stands for **RoHS Compliance**, indicating the part is manufactured without hazardous substances like lead.
4. **-UL**: Indicates the part has been tested and certified by **Underwriters Laboratories** for safety standards in the US and Canada.
---
### 💡 Electronic Functions & Applications
The internal circuitry of the W2AP-A13-R/UL typically includes a built-in oscillator and a transducer. Because it is AC-rated, it contains a small rectifier or voltage dropper circuit to drive the acoustic element.
* **Alarm Signaling:** Used in PLC (Programmable Logic Controller) outputs to notify operators of machine errors or cycle completions.
* **Safety Warning:** Installed in environments where audible alerts are required for safety compliance.
* **Durability:** Designed for high-duty cycles and resistance to vibration, common in factory floor environments.
---
- ⤷
What is the exact current consumption for the W2AP-A13-R/UL?
- ⤷ Can this buzzer be used with a PWM signal for volume control?
- ⤷ What is the IP rating for environmental protection on this specific model?