công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-534-R2/UL

  • AI
    The **W2AP-534-R2/UL** is a high-performance, industrial-grade wireless access point module typically manufactured by SparkLAN or similar specialized networking OEMs. It is designed for integration into enterprise-grade networking equipment, IoT gateways, and industrial automation systems. --- ### 1. Core Technical Specifications The device is built on the **IEEE 802.11ac (Wi-Fi 5)** standard, utilizing high-end chipsets (often Qualcomm Atheros) to provide dual-band connectivity. | Feature | Specification | | :--- | :--- | | **Chipset** | Typically Qualcomm Atheros QCA9558 + QCA9880 | | **Interface** | Mini PCIe (Peripheral Component Interconnect Express) | | **Wi-Fi Standard** | 802.11a/b/g/n/ac | | **Frequency Bands** | Dual-Band (2.4 GHz and 5 GHz) | | **MIMO Support** | 3x3 MIMO (3 Spatial Streams) | | **Max Data Rate** | Up to 1.3 Gbps (5 GHz) + 450 Mbps (2.4 GHz) | | **UL Certification** | UL listed for safety and fire standards | --- ### 2. Electronic Components & Design The "electronic parts" of this module are categorized by their function within the RF (Radio Frequency) and Processing chain: #### A. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Boosts the signal for long-range transmission. * **Low Noise Amplifiers (LNA):** Increases sensitivity for receiving weak signals from distant clients. * **Antenna Connectors:** Usually features 3x **U.FL (IPEX)** connectors to support the 3x3 MIMO configuration. #### B. Power Management * **Voltage Regulators:** Converts the input power from the Mini PCIe slot (3.3V) to the specific voltages required by the internal processors (often 1.2V or 1.8V). * **Protection Circuitry:** Includes ESD (Electrostatic Discharge) protection to prevent damage during installation or spikes in industrial environments. #### C. Connectivity & Logic * **Flash/EEPROM:** Stores the firmware, MAC address, and calibration data (ART - Atheros Radio Test) for the specific radio. * **Heat Dissipation:** Often includes a large metal heat sink or thermal pads, as the 3x3 AC radio generates significant heat during high-speed data transfers. --- ### 3. "UL" Designation Importance The **-UL** suffix indicates that the component has undergone specific safety testing by **Underwriters Laboratories**. This is critical for electronic parts intended for: 1. **Plenum Spaces:** High fire safety standards for units installed in ceilings. 2. **Industrial Compliance:** Ensuring the electronic components do not pose a fire or shock risk under heavy load. 3. **Liability:** Necessary for products sold in the North American commercial market. --- ### 4. Typical Applications * **Industrial IoT Gateways:** Connecting factory sensors to a central server. * **Outdoor APs:** Used as the internal radio engine for ruggedized outdoor Wi-Fi enclosures. * **Medical Equipment:** Reliable wireless data transmission for mobile medical carts. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption requirements for this module?
    • ⤷ Does this module support MU-MIMO or only SU-MIMO?
    • ⤷ Which Linux drivers are required to operate the QCA chipset in this board?