công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-433-R2

  • AI
    The **W2AP-433-R2** is a high-performance wireless access point module typically designed for industrial or high-density enterprise environments. Below is a breakdown of its key electronic components and technical specifications. --- ### 1. Core Technical Specifications The device is built to support the IEEE 802.11ac (Wi-Fi 5) standard, focusing on dual-band connectivity and high throughput. | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11 a/b/g/n/ac | | **Frequency Bands** | 2.4 GHz and 5 GHz | | **MIMO Support** | 2x2 or 3x3 (Configuration dependent) | | **Interface** | Mini PCIe / Ethernet (RJ45) | | **Power Supply** | PoE (Power over Ethernet) or DC Input | --- ### 2. Key Electronic Components The architecture of the W2AP-433-R2 consists of several critical subsystems: #### A. Central Processing Unit (CPU) / SoC Usually powered by an **Atheros/Qualcomm** or **MediaTek** networking processor. This chip handles: * Packet routing and traffic management. * Encryption/Decryption (WPA2/WPA3). * Management of the embedded Linux or proprietary OS. #### B. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Increases the signal strength for transmission to ensure wide coverage. * **Low Noise Amplifiers (LNA):** Enhances the sensitivity to receive weak signals from distant client devices. * **Diplexers:** Allows the 2.4 GHz and 5 GHz signals to share antenna paths without interference. #### C. Memory Configuration The module utilizes two types of memory to maintain performance: 1. **DDR3 RAM:** Used for active data buffering and running the system firmware. 2. **Flash Memory (SPI/NAND):** Stores the bootloader, firmware image, and configuration settings. #### D. Power Management * **PoE Controller:** Converts 48V-56V standard PoE input down to usable voltages (3.3V, 1.8V, 1.2V) for the internal chips. * **Voltage Regulators (LDO/Buck):** Ensure stable power delivery to sensitive RF components to prevent signal noise. --- ### 3. Physical Interfaces The "R2" revision often denotes improvements in the hardware layout or interface stability. * **Ethernet Ports:** Typically 10/100/1000 Base-T (Gigabit) ports. * **Antenna Connectors:** U.FL or SMA connectors for external high-gain antennas. * **Console Port:** (Internal) Pin headers for TTL/Serial debugging during maintenance. --- ### 4. Environmental & Protection Because these are often used in commercial settings, the board includes: * **TVS Diodes:** For ESD (Electrostatic Discharge) protection on the Ethernet ports. * **Thermal Pads:** Heat dissipation components to keep the SoC cool during high-traffic loads.
    ✨ Follow-up Questions
    • ⤷ Does the W2AP-433-R2 support Wave 2 MU-MIMO technology?
    • ⤷ What is the maximum power consumption of this module?
    • ⤷ Are there specific firmware requirements for the R2 revision?