W2AP-42G-R/Q
AI

The **W2AP-42G-R/Q** is a high-performance outdoor wireless access point (AP) bridge designed for long-range connectivity, typically operating in the 2.4GHz and 5GHz bands. It is engineered for industrial and enterprise applications requiring high throughput and weather resistance.
---
### Core Electronic Components and Specifications
The device's internal architecture is built around high-frequency radio components and robust power management circuits.
| Component Category | Description | Specifications / Features |
| :--- | :--- | :--- |
| **Main Processor (SoC)** | High-speed Network Processor | Typically uses Qualcomm or MediaTek chipsets for packet processing. |
| **Radio Modules** | Dual-Band Wireless | Supports IEEE 802.11a/b/g/n/ac standards. |
| **RAM / Flash** | Volatile and Non-volatile Memory | High-capacity DDR RAM for handling concurrent users; SPI Flash for firmware. |
| **Power Input** | PoE (Power over Ethernet) | Supports IEEE 802.3at/af (PoE+) for remote power delivery. |
| **Interface Ports** | Physical Connectivity | Gigabit Ethernet (RJ45) with surge protection. |
---
### Technical Characteristics
The "R/Q" designation often refers to specific regional certifications or hardware revisions. Below are the key electronic capabilities:
#### 1. Radio Frequency (RF) Frontend
* **MIMO Technology:** Utilizes Multiple-Input Multiple-Output (usually 2x2 or 3x3) to increase data throughput and link reliability.
* **Power Amplifiers (PA):** Integrated high-gain amplifiers to extend signal reach over several kilometers in point-to-point (PTP) mode.
* **Low Noise Amplifiers (LNA):** Enhances sensitivity for receiving weak signals from distant clients or bridges.
#### 2. Signal Processing and Modulation
* **Modulation Schemes:** Supports BPSK, QPSK, 16-QAM, 64-QAM, and 256-QAM.
* **Beamforming:** Electronic steering of the signal toward the connected device to minimize interference.
#### 3. Protection Circuitry
* **ESD Protection:** Built-in Electrostatic Discharge protection to prevent damage from lightning or atmospheric static.
* **Thermal Management:** Internal heat sinks and a specialized PCB layout to dissipate heat in outdoor environments.
---
### External Connectivity Table
| Port/Part | Function | Electronic Role |
| :--- | :--- | :--- |
| **N-Type Connectors** | Antenna Interface | Low-loss RF connection for external high-gain antennas. |
| **Grounding Screw** | Electrical Safety | Provides a path for surge current to dissipate into the earth. |
| **Reset Button** | Hardware Interrupt | Triggers a hardware-level factory reset via a GPIO pin. |
---
- ⤷What is the maximum throughput speed of the W2AP-42G-R/Q?
- ⤷ Does this model support 802.11ax (Wi-Fi 6)?
- ⤷ What is the standard operating voltage for the PoE input?