công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-41G-R/Q

  • AI
    The **W2AP-41G-R/Q** is a specific model of an **Industrial Wireless Access Point (WAP)**, typically manufactured by brands like **Advantech** or partners specializing in industrial communication equipment. This device is designed to provide robust Wi-Fi connectivity in harsh environments. --- ### 1. Key Electronic Components and Specifications The electronic design focuses on high availability, signal integrity, and resistance to environmental noise. | Component Type | Specification / Detail | | :--- | :--- | | **Wireless Protocol** | IEEE 802.11b/g (Legacy 2.4 GHz band) | | **Antenna Interface** | RP-SMA connectors (typically 1 or 2 for diversity) | | **Ethernet Controller** | 1 x 10/100 Mbps RJ45 Port (Fast Ethernet) | | **Power Management** | Integrated DC-DC converter for industrial voltage ranges | | **Processor** | Embedded MIPS or ARM-based SoC (System on Chip) | | **Memory** | Low-density SDRAM and Flash for firmware storage | --- ### 2. Physical and Industrial Design Features The "R/Q" suffix often denotes specific mounting or regional certifications (e.g., RoHS compliance or Quick-install brackets). * **Power Input:** Usually supports a wide range of DC input (e.g., 12V to 48V DC) to accommodate industrial power rails. * **Ruggedization:** The internal PCB (Printed Circuit Board) is often treated with conformal coating to prevent corrosion from humidity. * **Operating Temperature:** Designed to function between **-20°C to 70°C**, unlike consumer-grade routers which fail at high heat. * **ESD Protection:** The Ethernet port and antenna inputs feature surge and Electrostatic Discharge (ESD) protection to prevent damage from power spikes. --- ### 3. Functional Modes The electronic firmware allows the hardware to switch between different operational roles: 1. **Access Point (AP) Mode:** Acts as a central hub for wireless clients. 2. **Station/Client Mode:** Connects a wired machine to an existing Wi-Fi network. 3. **Bridge/Repeater Mode:** Extends the range of an existing wireless signal. --- ### 4. Comparison: Industrial vs. Consumer Internals | Feature | W2AP-41G (Industrial) | Consumer Router | | :--- | :--- | :--- | | **Casing** | Metal (Heat dissipation/Shielding) | Plastic | | **Mounting** | DIN-Rail or Wall Mount | Desktop only | | **Longevity** | High MTBF (Mean Time Between Failure) | 2-3 year lifecycle | | **Input Protection** | Reverse Polarity Protection | None |
    ✨ Follow-up Questions
    • ⤷ What is the exact power voltage range supported by the W2AP-41G?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What are the common industrial applications for 802.11g legacy hardware?