công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-413-R/CE

  • AI
    The **W2AP-413-R/CE** is a high-performance, enterprise-grade Wireless Access Point (WAP) designed for industrial and commercial networking. Below is a breakdown of its internal electronic components, architecture, and specifications. --- ### 1. Core Technical Specifications The electronic architecture is built to support high-density environments using the IEEE 802.11ac (Wi-Fi 5) or 802.11ax (Wi-Fi 6) standards (depending on the specific revision of the 413 series). | Component Category | Description | | :--- | :--- | | **Processor (SoC)** | High-speed Qualcomm or Broadcom Networking Processor | | **Radio Chains** | 2x2 or 3x3 MIMO (Multiple Input, Multiple Output) | | **Frequencies** | Concurrent Dual-Band (2.4 GHz & 5 GHz) | | **Ethernet Port** | 10/100/1000 Base-T (RJ-45) with PoE support | | **Power Input** | IEEE 802.3af/at Power over Ethernet (PoE) or 12V DC | --- ### 2. Key Electronic Internal Parts #### A. The Radio Frequency (RF) Front End The RF section is the heart of the device, responsible for signal modulation and transmission. * **Power Amplifiers (PA):** Boosts the outgoing signal to ensure maximum coverage range. * **Low Noise Amplifiers (LNA):** Improves the sensitivity of the receiver, allowing it to pick up weak signals from distant mobile devices. * **Diplexers/Filters:** Electronic components that separate the 2.4GHz and 5GHz signals to prevent interference. #### B. Memory and Storage * **RAM (DDR3/DDR4):** Typically 256MB to 512MB. This handles the active routing tables, connected client lists, and firmware operations. * **Flash Memory (Flash):** Usually 128MB+. This stores the permanent Operating System (Firmware) and configuration files. #### C. Power Management Circuitry Since this device is often powered via **PoE (Power over Ethernet)**, it contains specific integrated circuits: * **PoE Controller:** Negotiates power delivery with the switch (PSE). * **DC-DC Buck Converters:** Steps down the 48V PoE voltage to 12V, 5V, or 3.3V required by the internal chips. --- ### 3. Interface and Physical Components The "R/CE" designation often implies specific certifications for the European (CE) market and "R" for revised or ruggedized hardware. 1. **Antennas:** Internal high-gain omnidirectional antennas designed to minimize dead zones. 2. **Console Port:** Often a hidden TTL or RJ45 port for low-level hardware debugging. 3. **LED Indicators:** Controlled by the GPIO pins of the processor to show Power, LAN, and WLAN status. 4. **Watchdog Timer:** A hardware circuit that automatically reboots the device if the software hangs. --- ### 4. Summary of Functional Architecture ```mermaid graph LR A[PoE/DC Power] --> B[Power Management] B --> C[Main SoC Processor] C <--> D[DRAM / Flash] C <--> E[2.4GHz Radio IC] C <--> F[5GHz Radio IC] E --> G[Internal Antennas] F --> G ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum throughput (Mbps) supported by the W2AP-413 series?
    • ⤷ Does this model support Wi-Fi 6 (802.11ax) or is it limited to Wi-Fi 5?
    • ⤷ What is the maximum number of concurrent clients this hardware can handle?