công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-33G-R2

  • AI
    The **W2AP-33G-R2** is a high-performance industrial wireless access point (AP) board, typically utilized in embedded networking solutions, outdoor hotspots, or enterprise-grade Wi-Fi routers. It is based on the **Qualcomm Atheros** architecture. --- ### 1. Core Hardware Architecture The board is designed around a System-on-Chip (SoC) that handles both processing and wireless radio management. | Component | Description | | :--- | :--- | | **Main Chipset** | Powered by the **Qualcomm Atheros QCA9533** (MIPS 24Kc core). | | **CPU Speed** | Clocked at approximately 650 MHz. | | **Memory (RAM)** | Typically 64MB DDR2 (varies by specific SKU). | | **Flash Storage** | 8MB or 16MB SPI Nor Flash for firmware storage. | | **Standard** | IEEE 802.11b/g/n (2.4 GHz Band). | --- ### 2. Connectivity and Ports The electronic layout of the board focuses on high-speed Ethernet and antenna distribution. * **Ethernet Ports:** Generally features 1x WAN and 1x LAN (10/100 Mbps) with integrated isolation transformers for ESD protection. * **Antenna Interfaces:** Equipped with **2x U.FL (IPEX)** connectors or MMCX connectors for 2x2 MIMO (Multiple Input, Multiple Output) support. * **Power Input:** Usually supports **Passive PoE (Power over Ethernet)** ranging from 12V to 24V DC. --- ### 3. Radio Frequency (RF) Characteristics The "R2" revision often implies optimizations in the RF front-end for better stability. * **MIMO Technology:** 2x2 MIMO allows for a physical data rate of up to **300 Mbps**. * **Output Power:** Integrated high-power Front-End Modules (FEM) or Power Amplifiers (PA) to extend range compared to standard consumer chips. * **Sensitivity:** High-sensitivity Low Noise Amplifiers (LNA) to pick up weak signals in noisy environments. --- ### 4. Technical Pinout and Debugging For developers and engineers, the board includes low-level interfaces: 1. **UART Header:** A 4-pin header (VCC, TX, RX, GND) for serial console access to the U-Boot bootloader and Linux kernel. 2. **Reset Button:** A physical tactile switch for factory resets. 3. **LED Indicators:** GPIO-controlled pins for Power, WLAN, and Ethernet link status. --- ### 5. Summary Table | Feature | Specification | | :--- | :--- | | **Frequency** | 2.412 ~ 2.484 GHz | | **Modulation** | OFDM: BPSK, QPSK, 16-QAM, 64-QAM | | **Max Power Consumption** | ~5W | | **Operating Temp** | -20°C to +70°C (Industrial Grade) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmit power (dBm) supported by the W2AP-33G-R2?
    • ⤷ Can this board be flashed with OpenWrt or DD-WRT firmware?
    • ⤷ What are the specific dimensions of the PCBA for enclosure fitting?