W2AP-33G-R/UL
AI

The **W2AP-33G-R/UL** is a high-performance, industrial-grade wireless access point designed for robust environments. It is part of a category of networking hardware often utilized in automation, large-scale deployments, or commercial infrastructure.
### Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Wireless Standard** | 802.11b/g/n (High-speed wireless communication) |
| **Frequency Band** | 2.4 GHz |
| **Ethernet Port** | 10/100/1000 Mbps RJ45 (Gigabit) |
| **Power Input** | Typically PoE (Power over Ethernet) or DC Jack |
| **Regulatory** | UL Listed (Underwriters Laboratories) for safety standards |
| **Antenna Type** | Internal or External (depending on specific sub-revision) |
---
### Core Electronic Components
The device's architecture consists of several critical subsystems:
#### 1. The Main Processor (SoC)
The heart of the unit is a **System on a Chip (SoC)**. This manages the data routing, encryption, and the Linux-based firmware. It handles the processing of wireless signals into Ethernet packets.
#### 2. Radio Frequency (RF) Frontend
* **Power Amplifiers (PA):** Boosts the transmit signal to ensure wide coverage.
* **Low Noise Amplifiers (LNA):** Enhances the sensitivity to receive weak signals from distant mobile devices.
* **RF Switches:** Rapidly switches between transmit and receive modes to manage data flow.
#### 3. Power Management Unit (PMU)
Because this is a "UL" listed device, its power circuitry is highly regulated.
* **DC-DC Converters:** Steps down the input voltage (from PoE or DC supply) to the 3.3V or 1.8V levels required by the internal chips.
* **PoE Controller:** Handles the handshake with a PoE switch to safely draw power over the Ethernet cable.
#### 4. Memory Architecture
* **RAM (DDR):** Temporary storage for active network traffic and the operating system.
* **Flash Memory:** Non-volatile storage for the system firmware and configuration files.
---
### Key Differentiators
* **UL Certification:** The "UL" suffix indicates that the electronic components meet specific fire and electrical safety standards required for installation in commercial buildings and plenum spaces.
* **Ruggedized Build:** Unlike consumer routers, the electronic parts are often rated for higher temperature tolerances to prevent hardware failure in non-climate-controlled environments.
- ⤷
What are the specific power requirements (Voltage/Amperage) for this model?
- ⤷ Does this device support dual-band 5GHz or only 2.4GHz?
- ⤷ What is the maximum number of concurrent client connections supported by its CPU?