công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-32D-R2/Q

  • AI
    The **W2AP-32D-R2/Q** is a high-performance, industrial-grade indoor wireless access point designed by high-end networking hardware manufacturers (often associated with brands like **Encore** or specific ODM/OEM providers). It is engineered for high-density environments requiring robust data throughput. --- ### 1. Technical Specifications The device utilizes advanced RF (Radio Frequency) components to provide dual-band connectivity. | Feature | Specification Details | | :--- | :--- | | **Radio Type** | Dual-Band Concurrent (2.4 GHz & 5 GHz) | | **Standards** | IEEE 802.11ac Wave 2 / 802.11n/g/b/a | | **Antenna Configuration** | 2x2 MU-MIMO (Multiple Input, Multiple Output) | | **Power Input** | PoE (Power over Ethernet) 802.3at/af or DC 12V | | **Ethernet Ports** | 1x 10/100/1000 Mbps Gigabit Port | | **Max Throughput** | Combined rate up to 1200 Mbps (300Mbps + 867Mbps) | --- ### 2. Core Electronic Components The internal architecture of the W2AP-32D-R2/Q consists of several key subsystems: * **Chipset (SoC):** Typically based on **Qualcomm Atheros** or **MediaTek** enterprise-grade silicon. This manages the data processing and routing between the wireless radios and the wired backhaul. * **RF Front-End Modules (FEM):** These include Power Amplifiers (PA) to increase signal range and Low Noise Amplifiers (LNA) to improve sensitivity when receiving weak signals from mobile devices. * **Memory Modules:** * **RAM:** Used for handling active connections and buffering data packets. * **Flash Memory:** Stores the device firmware and configuration settings. * **PoE PD (Powered Device) Controller:** A specialized circuit that negotiates power with a PoE switch or injector, converting the 48V-57V Ethernet line power into the lower voltages (3.3V, 5V, 12V) needed by the internal chips. --- ### 3. Key Electronic Features #### MU-MIMO (Wave 2) The "32D" series supports Multi-User MIMO. Unlike older "Single User" MIMO, this allows the access point to transmit data to multiple clients simultaneously rather than sequentially, significantly reducing latency in crowded offices. #### Beamforming Technology The electronic circuitry includes phase-shifting components that allow the antennas to "focus" the signal toward a specific connected device's location rather than broadcasting in a generic circle. --- ### 4. Typical Application Circuitry When integrating this unit into a network, the electronic setup usually follows this logic: ```mermaid graph LR A[PoE Switch] -- "Power + Data (Cat6)" --> B[W2AP-32D RJ45 Port] B --> C[Internal PoE Splitter] C --> D[Main CPU / Wireless Radio] D -- "2.4 GHz" --> E[Internal Antennas] D -- "5 GHz" --> F[Internal Antennas] ```
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption requirements for the W2AP-32D-R2/Q?
    • ⤷Does this model support centralized controller management or standalone mode only?
    • ⤷How does the Wave 2 technology in this part differ from standard 802.11ac?