công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AP-325-R

  • AI
    ## Technical Overview of the W2AP-325-R The **W2AP-325-R** (commonly known as the Aruba AP-325-RW) is a high-performance, enterprise-grade 802.11ac Wave 2 wireless access point. Below is a breakdown of its primary electronic components and specifications. --- ### 1. Core Hardware Specifications The internal circuitry is designed for high-density environments, utilizing Multi-User MIMO (MU-MIMO) technology. | Component | Specification | | :--- | :--- | | **CPU** | Quad-core ARM processor (optimized for network processing) | | **RAM** | 512 MB DDR4 | | **Flash Storage** | 256 MB or 512 MB (configuration dependent) | | **Radio Layers** | Dual Radio (5 GHz and 2.4 GHz) | | **MIMO Configuration** | 4x4:4 (4 Spatial Streams) | --- ### 2. Key Electronic Subsystems #### A. Radio Transceivers and Antenna Array The device features an integrated antenna system designed to maximize coverage and reduce interference. * **5 GHz Radio:** Supports 802.11ac Wave 2, providing speeds up to 1,733 Mbps. * **2.4 GHz Radio:** Supports 802.11n, providing speeds up to 600 Mbps. * **Integrated Antennas:** Eight internal downtilt omnidirectional antennas. #### B. Power Management (PoE) The W2AP-325-R is designed to be powered via **Power over Ethernet (PoE)**, though it can accept direct DC power. * **PoE Standards:** 802.3at (PoE+) or 802.3af (standard PoE). * **Note:** Using 802.3af may result in restricted functionality (e.g., the USB port or the second Ethernet port might be disabled to save power). * **DC Jack:** 12V DC input for non-PoE deployments. #### C. Connectivity Ports The physical interface includes high-speed data transfer components: 1. **10/100/1000BASE-T Ethernet:** Primary RJ45 port for data and PoE. 2. **Console Port:** Micro-USB or RJ45 for low-level system configuration. 3. **USB 2.0 Port:** For cellular modems or IoT expansion (e.g., BLE dongles). #### D. Bluetooth Low Energy (BLE) Radio The unit contains an integrated BLE radio used for: * Asset tracking and location services. * Console access via mobile apps. * Proximity-based notifications. --- ### 3. Environmental and Physical Architecture The internal electronic parts are protected by a ruggedized chassis designed for heat dissipation without the use of moving fans (passive cooling). * **Operating Temp:** 0°C to +50°C (+32°F to +122°F). * **Visual Indicators:** Multi-color LEDs for System, Radio, and Port status. --- ### 4. Code / Configuration Interface Accessing the internal electronic configuration often requires CLI interaction. Below is a generic example of checking the power status of the components: ```bash # Example command to check PoE status and radio power show ap debug power-status # Result would indicate if the radios are operating at full power # Power Supply: POE-AT (Full Power) # Radio 0 (5GHz): Enabled # Radio 1 (2.4GHz): Enabled ```
    ✨ Follow-up Questions
    • ⤷ What are the power limitations when using 802.3af instead of 802.3at?
    • ⤷ How do the 4x4:4 spatial streams improve performance in high-density areas?
    • ⤷ Can the BLE radio be used for third-party asset tracking systems?