W2AP-31Y-R2/N
AI

## Technical Overview of W2AP-31Y-R2/N
The **W2AP-31Y-R2/N** is a specific electronic component typically classified within the domain of **High-Frequency (RF) Connectors or Adapters**, often used in telecommunications and testing equipment.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Coaxial Connector / Adapter |
| **Impedance** | 50 Ohms (Standard for RF applications) |
| **Frequency Range** | Typically DC up to 6 GHz (varies by specific mounting) |
| **Interface Style** | Snap-on or Screw-on (Model specific) |
| **Plating** | Nickel or Gold (for corrosion resistance and conductivity) |
---
### 2. Key Electronic Parts and Materials
The performance of the W2AP-31Y-R2/N is defined by three primary internal segments:
* **Center Contact (Conductor):**
* **Material:** Usually Beryllium Copper or Brass.
* **Function:** Carries the high-frequency signal with minimal loss.
* **Insulator (Dielectric):**
* **Material:** PTFE (Teflon).
* **Function:** Provides a constant dielectric to maintain 50-ohm impedance and prevents arcing between the signal and ground.
* **Outer Body (Shield):**
* **Material:** Brass with Nickel or Suco-plate finishing.
* **Function:** Acts as the ground and protects the signal from Electromagnetic Interference (EMI).
---
### 3. Application Use-Cases
The "W2AP" series is frequently utilized in the following environments:
1. **Wireless Infrastructure:** Base stations and antenna arrays.
2. **Test & Measurement:** Connection points for oscilloscopes or signal generators.
3. **Automotive Electronics:** Smart vehicle communication modules where space and signal integrity are critical.
---
### 4. Part Number Breakdown (Typical)
While nomenclature varies by manufacturer, the suffix codes generally indicate:
* **31Y:** Mounting or orientation code (e.g., Right Angle vs. Straight).
* **R2:** Revision 2 or a specific plating thickness.
* **N:** Connector type (Often stands for Type-N or Nickel plating).
---
- ⤷
What is the maximum power handling (Watts) for the W2AP-31Y-R2/N?
- ⤷ Is this component compatible with standard RG-58 cables?
- ⤷ What are the specific mounting requirements for this part on a PCB?