W2AP-31Y-R/N
AI

The **W2AP-31Y-R/N** belongs to a specific category of industrial indicators, typically recognized as a **monolithic LED pilot light** or signal indicator, often manufactured by brands like **IDEC** or similar industrial component providers.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED Pilot Light / Indicator |
| **Input Voltage** | 24V AC/DC (Standard for the '31' series) |
| **Light Source** | Integrated High-Brightness LED |
| **Lens Color** | Yellow (indicated by 'Y') |
| **Bezel Shape** | Round |
| **Mounting Hole Size** | 22mm (Standard Industrial size) |
| **Terminal Type** | Screw Terminals (indicated by 'R/N' variants) |
| **Protection Rating** | IP65 (Waterproof/Dustproof from the front) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the internal electronic characteristics:
* **W2AP**: The series designation, representing the physical form factor (22mm Ø).
* **31**: The voltage code. In this specific series, `31` usually signifies **24V AC/DC** operation.
* **Y**: The color of the LED and lens (**Yellow**).
* **R/N**: Refers to the internal wiring or terminal style (often indicating **Removable** or **Standard** screw connection).
---
### 3. Electronic Characteristics
#### A. Power Consumption
Unlike traditional incandescent bulbs, the LED inside the W2AP-31Y is highly efficient. It typically draws between **10mA to 20mA**. This low current draw allows it to be driven directly by PLC (Programmable Logic Controller) outputs without the need for interposing relays.
#### B. Integrated Circuitry
Inside the housing, the unit contains:
1. **Current Limiting Resistor:** Prevents the LED from burning out at the rated 24V.
2. **Rectifier Bridge:** Allows the device to operate on both Alternating Current (AC) and Direct Current (DC) regardless of polarity.
3. **Reverse Polarity Protection:** Protects the internal diode if wired incorrectly.
#### C. Lifecycle and Reliability
* **Operational Life:** Rated for approximately **50,000 to 100,000 hours**, significantly outlasting filament-based lamps.
* **Vibration Resistance:** Solid-state components make it ideal for machinery that generates constant vibration.
---
### 4. Typical Applications
* **Control Panels:** To indicate the status of a specific process (e.g., "Warning" or "Standby").
* **Safety Interlocks:** Visual feedback for gate positions or emergency stops.
* **PLC Monitoring:** Direct feedback from automated logic systems.
- ⤷
What is the maximum operating temperature for the W2AP series?
- ⤷ Is there a 110V AC version available in the same 22mm footprint?
- ⤷ Can the lens be replaced independently of the LED module?