W2AP-31Y-R
AI

The **W2AP-31Y-R** is an electronic component commonly categorized under **Electromechanical Switches**, specifically as a **Sealed Toggle Switch** or an **Industrial Rocker/Toggle variant** often produced by manufacturers like *NKK Switches* or similar specialty providers.
---
### 1. Technical Specifications
Below are the typical technical parameters for the W2 series components:
| Parameter | Value / Specification |
| :--- | :--- |
| **Switch Type** | Toggle / Rocker (depending on specific housing) |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON - ON (Alternative Action) |
| **Current Rating** | ~1A to 5A (depending on voltage) |
| **Voltage Rating (AC/DC)** | 125V AC / 30V DC |
| **Mounting Type** | PCB Mount / Through-Hole |
| **Termination Style** | PC Terminals / Solder Pins |
---
### 2. Key Electronic Features
* **Sealed Construction:** The "W" in many series designations implies a **Waterproof/Washable** design. The internal contacts are protected by an epoxy seal or a rubber boot, making it resistant to dust and moisture ingress.
* **Gold or Silver Contacts:** Depending on the exact sub-variant, these parts often use gold-plated contacts to ensure high reliability in low-energy logic-level circuits, preventing oxidation.
* **Actuator Design:** The "31Y" segment often refers to the physical dimensions of the lever or rocker and the color (R typically stands for **Red**).
* **Contact Mechanism:** It utilizes a "Snap-action" or "Sliding" contact mechanism which ensures a crisp tactile response and reduces electrical arcing during switching.
---
### 3. Application Use Cases
The W2AP-31Y-R is designed for environments where durability and protection are required:
1. **Medical Equipment:** Due to its washable nature, it can withstand cleaning agents.
2. **Industrial Controls:** Used in panels where dust or oil splashes are common.
3. **Communication Devices:** High-reliability switching for signal routing.
4. **Handheld Instruments:** Small footprint suitable for portable PCB-based devices.
---
### 4. Schematic Representation
The SPDT logic for this part can be represented as follows:
```mermaid
graph LR
A[Terminal 2 - Common] --- B(Terminal 1 - ON)
A --- C(Terminal 3 - ON)
```
- ⤷What are the specific environmental IP ratings for the W2AP series?
- ⤷ Is there a surface-mount (SMD) version of the W2AP-31Y-R?
- ⤷ What is the mechanical life expectancy in cycles for this switch?