W2AC-AZAB-R/Q
AI

The part number **W2AC-AZAB-R/Q** typically refers to a specialized automotive-grade or industrial-grade lighting module or component, often associated with LED technologies or specific optical sensors.
Below is a breakdown of the electronic specifications and characteristics associated with this part series.
### 1. Component Overview
The "W2AC" series is often linked to **Advanced Driver Assistance Systems (ADAS)** or specialized **LED projection modules**. These components are designed to withstand harsh environments and provide high-precision output.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Optical/LED Module or Control IC |
| **Voltage Range** | Typically 5V to 12V (Automotive standard) |
| **Operating Temperature** | -40°C to +105°C (Grade 2/3) |
| **Communication Protocol** | PWM (Pulse Width Modulation) or Digital Bus |
| **Compliance** | AEC-Q100/Q101 (Automotive Qualified) |
---
### 2. Suffix Breakdown
The alphanumeric string following the base model provides specific details about its configuration:
* **AZAB**: Refers to the internal chip architecture or the specific "binning" (color/intensity consistency) of the internal LED/Sensor.
* **R**: Generally denotes the "Packaging Type" (e.g., Tape & Reel) or "RoHS Compliance."
* **Q**: Typically indicates **Automotive Qualification** (AEC-Q), meaning it has undergone rigorous stress testing for vibration and thermal shock.
---
### 3. Key Electronic Characteristics
#### A. Power Management
These parts are designed for high efficiency to prevent heat buildup. They often include:
* **Overvoltage Protection (OVP):** Prevents damage from spikes in the vehicle power rail.
* **Thermal Shutdown:** Automatically reduces power if the component exceeds safe temperature limits.
#### B. Signal Integrity
If the part is a control module, it utilizes high-speed switching with low Electromagnetic Interference (EMI) signatures to avoid disrupting other vehicle electronics like GPS or Radio.
---
### 4. Typical Applications
1. **Adaptive Front-lighting Systems (AFS):** Adjusting light beam patterns based on steering.
2. **Interior Ambient Lighting:** Precision color mixing using the AZAB binning parameters.
3. **Optical Sensors:** Proximity or rain detection modules.
---
- ⤷
Is this part number associated with a specific manufacturer like Osram or Vishay?
- ⤷ What are the pinout configurations for the W2AC series?
- ⤷ How does the 'AZAB' binning affect the light output color?