W2AC-AD3A-R/Q
AI

The **W2AC-AD3A-R/Q** is a specialized electronic component, typically categorized as a high-performance **Crystal Oscillator** or a frequency control device (often associated with brands like TXC or similar high-precision manufacturers).
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Component Overview
This part is a **Surface Mount Device (SMD)** crystal unit. It is designed to provide a stable clock frequency for microprocessors, RF modules, and automotive electronics.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Quartz Crystal / Resonator |
| **Package Type** | SMD (Seam Welded) |
| **Standard Frequency** | Usually 32.768 kHz or MHz range (Specific to the "W2" series prefix) |
| **Automotive Grade** | Often qualified to AEC-Q200 standards |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Key Electronic Characteristics
The part number suffix (AD3A-R/Q) defines its specific electrical behavior:
* **Load Capacitance ($C_L$):** Optimized for specific picofarad (pF) ratings to ensure frequency accuracy.
* **Frequency Tolerance:** High precision (typically $\pm10$ to $\pm30$ ppm), ensuring the timing does not drift significantly with age.
* **Temperature Stability:** Designed to operate across wide industrial or automotive temperature ranges ($-40^\circ\text{C}$ to $+85^\circ\text{C}$ or $+125^\circ\text{C}$).
* **ESR (Equivalent Series Resistance):** Low ESR values to allow for easy oscillation start-up in low-power circuits.
---
### 3. Application Use-Cases
The **W2AC** series is frequently used in the following electronic sectors:
1. **Automotive Systems:** TPMS (Tire Pressure Monitoring), Infotainment units, and ECU timing.
2. **IoT Devices:** Battery-powered sensors that require low power consumption and high sleep-mode timing accuracy.
3. **Communication:** Base stations and wireless modules where frequency stability is critical for signal integrity.
---
### 4. Part Number Decoding (General)
While specific to the manufacturer, the string generally breaks down as follows:
* **W2:** Series designation (often indicating package size, e.g., 2.0x1.6mm).
* **AC:** Frequency code or stability identifier.
* **AD3A:** Internal specification for load capacitance and drive level.
* **R/Q:** Packaging information (Tape & Reel) and Quality Grade (Automotive/Industrial).
- ⤷
What is the specific nominal frequency of the W2AC-AD3A-R/Q?
- ⤷ Is this component AEC-Q200 qualified for automotive use?
- ⤷ What are the physical dimensions (footprint) of the W2 series package?