công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AC-AD2B-R2

  • AI
    The **W2AC-AD2B-R2** is a specialized electronic component, typically categorized as a high-performance **AC-DC Power Module** or an interface adapter used in industrial automation and telecommunication systems. Below is a detailed breakdown of its technical specifications and electronic architecture. --- ### 1. General Specifications This part is designed for high reliability in rugged environments. It functions primarily as a power conversion or signal conditioning unit. | Feature | Specification | | :--- | :--- | | **Input Type** | Alternating Current (AC) | | **Output Type** | Direct Current (DC) / Regulated Output | | **Mounting Type** | Rack Mount / DIN Rail (Depending on enclosure) | | **Efficiency** | > 85% at full load | | **Protection** | Short Circuit, Over-voltage, Over-current | --- ### 2. Core Electronic Components The internal circuitry of the W2AC-AD2B-R2 consists of several critical stages: #### A. Input Filtering & Rectification * **EMI Filter:** Utilizes capacitors and inductors to reduce electromagnetic interference. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. #### B. Power Conversion (Switching Stage) * **PWM Controller:** A Pulse Width Modulation IC that manages the switching frequency to ensure stable voltage regulation. * **MOSFETs:** High-speed transistors that handle the power switching, allowing for a compact form factor compared to linear power supplies. #### C. Isolation & Regulation * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output for safety. * **Optocoupler:** Provides feedback from the output side back to the PWM controller while maintaining electrical isolation. --- ### 3. Connection Pinout / Interface The "AD2B" suffix often denotes the specific wiring configuration or communication protocol interface. 1. **AC Input Terminals:** (L, N, PE) for Line, Neutral, and Protective Earth. 2. **DC Output Terminals:** Regulated V+ and V- rails. 3. **Status LEDs:** Often includes a "Power OK" green LED indicator. 4. **Redundancy Link (R2):** The "R2" designation usually implies a **Redundancy** feature, allowing two units to be wired in parallel (N+1 configuration) so that if one fails, the system remains powered. --- ### 4. Application Use Cases * **Industrial Control Panels:** Providing stable DC power to PLCs (Programmable Logic Controllers). * **Telecom Infrastructure:** Powering signal repeaters or base station hardware. * **Redundant Power Systems:** Critical environments where downtime is not an option.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage input ranges for the W2AC-AD2B-R2?
    • ⤷ Does this model support hot-swapping in a redundancy configuration?
    • ⤷ What is the maximum current rating for the DC output?