công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AC-ABBB-R/N

  • AI
    The **W2AC-ABBB-R/N** is a specific model designation typically associated with high-performance **Industrial AC-DC Power Supplies** or **Inverters**, often used in telecommunications, servers, or networking hardware. Below is a breakdown of the electronic components and technical specifications associated with this type of unit. --- ### 1. Technical Specification Overview | Component/Feature | Description | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Output Type** | DC (Direct Current) - typically redundant configuration | | **Cooling System** | Integrated Fans (Forced Air Cooling) | | **Form Factor** | Rack-mount or Modular Plug-in | | **Efficiency Rating** | High Efficiency (often 80 Plus Gold/Platinum equivalent) | | **Safety Compliance** | UL, CE, RoHS | --- ### 2. Key Electronic Parts and Functions The internal circuitry of a W2AC series unit generally consists of several critical stages: #### A. Input Filtering & PFC Stage * **EMI/RFI Filters:** Inductors and capacitors designed to prevent electromagnetic interference from entering or leaving the unit. * **Active Power Factor Correction (PFC):** Uses a boost converter circuit to ensure the current waveform matches the voltage waveform, maximizing energy efficiency. #### B. Switching Topology * **MOSFETs/IGBTs:** High-speed transistors that "switch" the DC voltage at high frequencies (typically 50kHz to 200kHz) to allow for a smaller transformer size. * **PWM Controller:** The "brain" that regulates the duty cycle of the switches to maintain a steady output voltage regardless of load changes. #### C. Redundancy & Protection * **OR-ing Diodes/MOSFETs:** These allow the "R/N" (Redundant) configuration. If one power module fails, the other takes over instantly without dropping the load. * **Protection Circuits:** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature Protection. --- ### 3. Part Number Suffix Decoding In industrial power nomenclature, the suffixes often represent specific configurations: * **ABBB:** Often refers to a specific voltage output configuration (e.g., specific combinations of 12V, 5V, or 3.3V rails). * **R/N:** * **R:** Redundant (Support for N+1 configurations). * **N:** Negative Logic or Neutral Grounding specification, depending on the specific manufacturer (e.g., Delta, Lite-On, or ABB). --- ### 4. Application Environments These parts are engineered for **Mission Critical** environments: 1. **Data Centers:** Powering blade servers and storage arrays. 2. **Telecom Base Stations:** Converting grid AC to stable DC for radio equipment. 3. **Industrial Automation:** Providing high-reliability power for PLC systems and robotics.
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage rating for the W2AC-ABBB-R/N model?
    • ⤷ Does this unit support PMBus or I2C communication protocols for monitoring?
    • ⤷ What are the physical dimensions and mounting requirements for this power supply?