công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AC-AADC-R

  • AI
    ## W2AC-AADC-R: Product Breakdown The **W2AC-AADC-R** is a specific model within a series of industrial signal conditioners or transducers (typically associated with brands like **M-System** or similar industrial automation manufacturers). This specific configuration is designed to convert an AC input into a DC output. --- ### 1. Model Code Breakdown The alphanumeric string defines the specific electronic hardware configuration of the unit: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **W2AC** | **Series/Function** | Dual-channel AC Input Signal Conditioner (Transducer). | | **AA** | **Input/Output A** | AC Current/Voltage Input to DC Output (Channel 1). | | **DC** | **Input/Output B** | AC Current/Voltage Input to DC Output (Channel 2). | | **R** | **Power Supply** | Typically indicates **24V DC** power requirement. | --- ### 2. Core Electronic Components The internal circuitry of the W2AC-AADC-R consists of several critical stages to ensure signal integrity and safety: #### A. Input Stage (AC Signal Sensing) * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the internal low-voltage electronics. * **Precision Resistors:** Used as voltage dividers or current shunts to scale the input signal to a measurable level. #### B. Signal Processing (Conversion) * **Rectification Circuit:** Converts the AC waveform into a pulsating DC signal. * **RMS-to-DC Converter:** Often uses an integrated circuit (IC) to calculate the Root Mean Square (RMS) value of the AC input, ensuring accuracy even with distorted waveforms. * **Filtering Capacitors:** Smooth out the rectified signal to remove ripples and noise. #### C. Output Stage (DC Linearization) * **Operational Amplifiers (Op-Amps):** Scale and linearize the DC signal to standard industrial ranges (e.g., 4-20mA or 0-10V). * **Output Transistors:** Drive the current/voltage to the connected PLC or controller. #### D. Power & Protection * **DC-DC Converter:** Regulates the 24V DC input power to provide stable internal voltages. * **Surge Protectors/Zener Diodes:** Protect the internal components from voltage spikes and electromagnetic interference (EMI). --- ### 3. Technical Specifications Typical operational parameters for this class of device: | Feature | Specification | | :--- | :--- | | **Input Type** | AC Current (e.g., 0–5A) or AC Voltage (e.g., 0–110V) | | **Output Type** | DC Voltage (e.g., 0–10V) or DC Current (e.g., 4–20mA) | | **Isolation** | Input to Output to Power (3-way isolation) | | **Accuracy** | ±0.3% to ±0.5% of span | | **Mounting** | DIN Rail or Surface Mount | --- ### 4. Application Use Case The W2AC-AADC-R is primarily used in **Power Monitoring** and **Industrial Automation**. For example, it can monitor the current draw of an AC motor and provide a proportional 4-20mA signal to a PLC to detect mechanical overloads or phase failures.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output ranges for the W2AC-AADC-R?
    • ⤷ How does 3-way isolation protect the PLC connected to this device?
    • ⤷ Can this device handle non-sinusoidal AC waveforms?