công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AC-A4CY-R2/Q

  • AI
    Based on the part number **W2AC-A4CY-R2/Q**, this component belongs to the **industrial automation and sensor** category, specifically manufactured by companies like **Azbil (formerly Yamatake)**. This part is a high-precision proximity switch or a specific limit switch variant designed for harsh environments. --- ## 1. Technical Specifications Breakdown The alphanumeric code provides specific details regarding the electrical and physical characteristics of the unit: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | W2AC | Compact, high-precision vertical limit switch series. | | **Actuator Type** | A4 | Usually indicates a **Roller Lever** or specialized plunger type. | | **Contact Form** | CY | Denotes a specific contact configuration (e.g., Gold-clad contacts for low current). | | **Resistance** | R2 | Indicates specialized **environmental resistance** (Oil-resistant or Heat-resistant). | | **Special Code** | /Q | Indicates a **Quality/Inspection** certificate or a specific connector modification. | --- ## 2. Key Electronic Features ### Contact Mechanism * **Low Current Compatibility:** Often features gold-plated contacts to ensure high reliability when switching low-voltage signals (PLCs). * **Snap Action:** High-speed switching mechanism that reduces arcing and ensures precise repeatability. ### Durability and Protection * **Sealing:** Generally rated **IP67**, making it dust-tight and water-resistant. * **Material:** The housing is typically die-cast aluminum or high-strength resin, providing electromagnetic shielding and mechanical protection. ### Electrical Ratings (Typical) * **Voltage:** 125VAC to 250VAC (standard) / 12VDC to 24VDC (logic level). * **Operating Force:** Specific to the R2/A4 mechanical setup, usually requiring low force for actuation. --- ## 3. Common Applications These parts are integrated into electronic control systems for: 1. **CNC Machinery:** Positioning of tool heads or axis limit detection. 2. **Assembly Lines:** Sensing the presence of components in automated picking systems. 3. **Harsh Environments:** Used where cutting oils, coolants, or heavy vibrations are present (due to the **R2** rating). --- ## 4. Maintenance and Wiring When integrating this part into a circuit: * **Wiring:** Ensure the lead wires are strain-relieved. * **Polarity:** If using the version with an LED indicator (common in this series), ensure correct DC polarity to avoid damaging the internal diode.
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring diagram for the W2AC series contacts?
    • ⤷ Can this switch be used in explosive environments?
    • ⤷ What are the mechanical life expectancy cycles for the R2 variant?