W2AC-A44A-R/Q
AI

The **W2AC-A44A-R/Q** refers to a high-performance Axial Fan assembly, typically manufactured by brands like **EBM-Papst**. This specific model belongs to a series of AC fans used for industrial cooling and ventilation.
### 1. Technical Specifications Overview
The following table summarizes the primary electronic and mechanical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 230 VAC (Single-Phase) |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | ~27 W to 30 W |
| **Current Draw** | ~0.18 A to 0.22 A |
| **Speed (RPM)** | 2800 - 3250 RPM |
| **Airflow Capacity** | ~325 m³/h (190 CFM) |
| **Bearing Type** | Ball Bearings |
| **Termination** | Leads or Plug-in (depending on "R/Q" variant) |
---
### 2. Key Electronic Components & Design
#### A. External Rotor Motor
Unlike standard motors where the rotor is inside the stator, this part uses an **external rotor** design.
- **Stator:** Located in the center, fixed to the housing.
- **Rotor:** Rotates on the outside, with the fan blades integrated directly onto the rotor housing. This provides a very compact design and superior cooling for the motor itself.
#### B. Capacitor-Run Induction Motor
This fan utilizes a permanent split capacitor (PSC) motor architecture.
* **Starting Capacitor:** It requires a specific capacitance (often integrated or required externally depending on the exact sub-model) to create a phase shift in the windings, allowing the motor to start and run efficiently.
* **Windings:** High-quality copper windings with Class F or Class B insulation to withstand continuous thermal stress.
#### C. Thermal Protection
The "A44A" series usually includes **Impedance Protection** or a **Thermal Overload Protector (TOP)**.
* If the rotor is locked (e.g., by debris), the electronic design prevents the coils from overheating and catching fire by limiting the current or tripping a thermal switch.
---
### 3. Material and Environmental Ratings
* **Housing:** Die-cast aluminum for heat dissipation and structural rigidity.
* **Impeller:** Sheet steel, directly welded to the rotor.
* **Ingress Protection:** Generally rated at **IP20** or higher, depending on the specific environmental sealing applied to the windings.
### 4. Part Number Suffix Meanings
* **"R":** Often denotes the direction of rotation or a specific mounting rib configuration.
* **"Q":** Generally refers to the electrical connection type (e.g., Quick-connect terminals vs. lead wires).
---
- ⤷
What is the wiring diagram for connecting this fan to a 230V source?
- ⤷ What are the compatible mounting accessories for the W2AC-A44A series?
- ⤷ How does impedance protection differ from thermal switch protection in these fans?