W2AC-A22D-R/Q
AI

The **W2AC-A22D-R/Q** is a specific model identifier typically associated with high-performance **AC Axial Fans**, often manufactured by companies like **Wistro** (commonly used for cooling industrial motors and frequency converters).
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Input Voltage** | 230V AC (Single Phase) |
| **Frequency** | 50 / 60 Hz |
| **Current Consumption** | Approx. 0.12A - 0.25A (Varies by load) |
| **Power Input** | ~30W to 45W |
| **Speed (RPM)** | 2700 - 3100 RPM |
| **Airflow Direction** | Intake over struts (standard for R/Q series) |
| **Bearing Type** | Dual Ball Bearing (Long life) |
| **Insulation Class** | Class F or H (High temperature resistance) |
---
### 2. Component Analysis
#### A. The Motor Structure (External Rotor)
The "W2AC" series usually utilizes an **External Rotor Motor**. Unlike standard motors where the shaft spins inside a stationary shell, here the "shell" (the magnets/windings) spins around the stationary internal stator.
* **Benefit:** Provides a more compact design and better cooling for the motor itself.
#### B. The Capacitor (Run Capacitor)
This is an AC induction motor. To start and maintain the phase shift required for rotation, it requires a **Permanent Split Capacitor (PSC)**.
* The capacitor is often integrated into the housing or wired externally.
* It ensures high efficiency and smooth operation.
#### C. Thermal Protection
Most units in the "R/Q" variant include an **Internal Thermal Overload Protector**.
* If the fan stalls or the ambient temperature exceeds safety limits, the circuit opens to prevent the copper windings from melting.
---
### 3. Part Number Suffix Decoding
While nomenclature can vary slightly by manufacturer, the "R/Q" suffix usually indicates specific mechanical or electrical interfaces:
* **R/Q Suffix:** Often refers to the **Square (Q)** or **Round (R)** housing frame style or the specific **Plug/Connector** type used for the power leads.
* **Terminal Type:** These models usually feature flat-pin terminals (2.8 x 0.5 mm) or lead wires for direct integration into industrial control cabinets.
---
### 4. Typical Applications
* **Forced Ventilation:** Cooling of heavy-duty electric motors.
* **Control Cabinets:** Heat dissipation in server racks or CNC machines.
* **Frequency Converters:** Preventing overheating in power electronics.
---
- ⤷What is the wiring diagram for connecting this fan to a 230V source?
- ⤷ How does the 'R/Q' variant differ from the standard 'A' variant?
- ⤷ What is the rated lifespan (MTBF) for the ball bearings in this model?