công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AC-A1DD-R

  • AI
    Based on the product nomenclature, the **W2AC-A1DD-R** is an industrial-grade **AC-input, DC-output power supply module**, typically associated with professional automation or telecommunications equipment. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Specification Overview The "W2AC" series generally refers to high-efficiency power converters. Here are the primary electronic characteristics: | Component Feature | Specification / Description | | :--- | :--- | | **Input Voltage** | AC 100-240V (Universal Wide Range) | | **Output Type** | DC (Direct Current) | | **Cooling System** | Integrated internal fan (R-suffix often denotes Reverse Airflow) | | **Mounting** | Rack-mountable or Integrated Module | | **Protection** | Over-voltage, Over-current, and Short-circuit protection | --- ### 2. Detailed Electronic Part Breakdown #### A. Input Rectification Stage * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **EMI/EMC Filter:** Contains X and Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. #### B. Power Factor Correction (PFC) * This module likely employs **Active PFC**. It uses a boost converter circuit (Inductor, MOSFET, and Diode) to ensure the current drawn is in phase with the voltage, improving efficiency and reducing harmonic distortion. #### C. DC-DC Conversion (Switching Stage) * **PWM Controller:** An integrated circuit that regulates the output voltage by adjusting the pulse width of the switching frequency. * **Switching MOSFETs:** High-speed transistors that chop the rectified DC into high-frequency pulses. * **Main Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output. #### D. Output Filtering * **Schottky Diodes/Synchronous Rectifiers:** Convert the high-frequency AC from the transformer back to DC. * **Electrolytic Capacitors:** Large capacity filters used to "smooth" the DC ripple for a stable output voltage. --- ### 3. Suffix Identification (A1DD-R) The specific string at the end of the model number defines the hardware configuration: 1. **A1:** Often designates the revision or the primary output rail (e.g., Single output). 2. **DD:** Indicates the DC output characteristics (e.g., Dual output or specific voltage levels like 12V/24V). 3. **R (Redundancy/Reverse):** * **Redundancy:** Supports "Hot-swap" capability in N+1 power configurations. * **Reverse Airflow:** Indicates that the internal cooling fan pulls air from the front to the back (or vice versa) depending on the rack orientation. --- ### 4. Technical Pinout & Connectivity Most modules in this class use a **Gold Finger** (edge connector) or a **D-Sub** style connector to interface with the backplane, carrying: * **DC Power Rails:** Main voltage output. * **Sense Lines:** To compensate for voltage drops across cables. * **Status Signals:** PSON (Power Supply On), PWOK (Power OK), and I2C/PMBus for digital monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage rating for the W2AC-A1DD-R model?
    • ⤷ Does this power supply support the PMBus communication protocol for remote monitoring?
    • ⤷ Is the 'R' suffix specifically for reverse airflow or N+1 redundancy in this series?