AI

The **W2AC-A1DA-R/Q** is a high-performance, single-axis AC Servo Drive manufactured by **Delta Electronics** as part of their **ASDA-A2** series. These drives are designed for high-speed, high-precision motion control applications.
---
## 1. Technical Specifications Overview
The part number breakdown reveals the core electronic capabilities of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Series** | ASDA-A2 |
| **Input Phase/Voltage** | 1-Phase or 3-Phase 220VAC |
| **Rated Output Power** | 1.0 kW (1000 Watts) |
| **Model Type** | Standard (Analog Voltage/Pulse Input) |
| **Interface/Protocol** | CANopen, RS-485/232 |
| **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) |
---
## 2. Key Electronic Components & Functions
### A. Power Conversion Stage
* **Rectifier Section:** Converts the incoming 220V AC into DC voltage.
* **IGBT Inverter:** Uses High-Speed Insulated Gate Bipolar Transistors (IGBTs) to switch the DC voltage into a Pulse Width Modulated (PWM) signal to drive the motor.
* **Dynamic Braking:** Includes a built-in regenerative resistor to dissipate excess energy generated during motor deceleration.
### B. Control Logic (The "Brain")
* **High-Speed DSP:** The drive uses a dedicated Digital Signal Processor to handle complex calculations for position, speed, and torque loops.
* **Feedback System:** It processes signals from 20-bit absolute encoders, ensuring extreme precision and smooth low-speed rotation.
* **E-Cam Functions:** It features 720 points for Electronic Cam (E-Cam) profiles, allowing for complex synchronized movements without a master controller.
### C. Communication & I/O
* **Digital I/O:** Typically includes 8 programmable digital inputs and 5 digital outputs for interfacing with PLCs or sensors.
* **Analog Interface:** Receives ±10V signals for speed or torque control.
* **Communication Ports:**
* **CANopen:** Used for high-speed bus communication.
* **RS-485/232:** Used for Modbus communication and PC-based tuning via Delta’s ASDA-Soft software.
---
## 3. Advanced Electronic Features
1. **Vibration Suppression:** The drive contains advanced algorithms to automatically detect and suppress mechanical resonance in the machine structure.
2. **Full-Closed Loop Control:** It supports a second encoder (linear scale) input to compensate for mechanical backlash and thermal expansion, ensuring the final position is accurate.
3. **Capture and Compare:** High-speed hardware position capture (latches) and pulse output (compares) for synchronization with vision systems or high-speed labeling.
---
## 4. Wiring and Connectivity
| Connector Type | Purpose |
| :--- | :--- |
| **L1, L2, L3** | Main Power Input (AC 200V~230V) |
| **U, V, W** | Servo Motor Power Output |
| **CN1** | I/O Signal Connector (50-pin) |
| **CN2** | Motor Encoder Feedback |
| **CN3** | Serial Communication (RS-485/232) |
| **CN5** | Full-Closed Loop Encoder Port |
- ⤷
What is the difference between the R and Q suffixes in this specific Delta part number?
- ⤷ Can this drive be used with motors from brands other than Delta Electronics?
- ⤷ What are the specific cooling requirements for a 1.0 kW AC servo drive in a control cabinet?