công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2AC-A1AC-R

  • AI
    The **W2AC-A1AC-R** is a specific part number typically associated with **Delta Electronics** or similar industrial power supply manufacturers. It refers to a high-efficiency AC-DC power module, often used in telecommunications, server racks, or industrial automation. --- ### 1. Component Overview This component is an industrial-grade power supply unit (PSU). Below is a breakdown of its primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | AC/DC Power Supply Module | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Output Type** | Fixed DC Output (Usually 12V or 54V depending on sub-series) | | **Cooling** | Integrated Fan (R-type often denotes Rear-to-Front airflow) | | **Efficiency** | Often 80 PLUS Gold or Platinum rated | | **Interface** | Hot-swappable connector | --- ### 2. Key Electronic Features The "W2AC" series utilizes several sophisticated electronic sub-systems to ensure stability: #### A. Active Power Factor Correction (PFC) It includes an active PFC circuit to ensure the power factor stays above 0.95. This reduces harmonic distortion and improves energy efficiency from the AC grid. #### B. Protection Circuitry The internal PCB is populated with sensors and logic controllers to provide: * **OVP (Over Voltage Protection):** Shuts down the unit if output exceeds safe limits. * **OCP (Over Current Protection):** Prevents damage during a short circuit. * **OTP (Over Temperature Protection):** Throttles or shuts down if the internal heatsinks get too hot. #### C. EMI Filtering It contains a multi-stage Electromagnetic Interference (EMI) filter at the input stage (using X/Y capacitors and common-mode chokes) to prevent electrical noise from leaking back into the power lines. --- ### 3. Physical & Mechanical Parts * **Hot-Swap Handle:** Designed for "live" insertion into a chassis without powering down the entire system. * **LED Indicators:** Usually features a Bi-color LED (Green for Power OK, Amber/Red for Fault). * **Communication Bus:** Uses the **PMBus** or **I2C** protocol via the gold-finger connector to report real-time data like temperature, fan speed, and power consumption to the system controller. --- ### 4. Part Number Decoding (General) While naming conventions vary, the suffix **"-R"** typically indicates a specific airflow direction or a revised hardware revision (RoHS compliant). * **W2AC:** Series designation. * **A1AC:** Revision and output power tier. * **R:** Airflow direction (Reverse/Rear) or specific mounting orientation.
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage and voltage output for this specific model?
    • ⤷ How do I troubleshoot a red fault light on a W2AC module?
    • ⤷ What is the difference between Front-to-Back and Back-to-Front airflow in these units?