AI

The **W2AC-A13D-R/Q** is a specific technical configuration for an industrial-grade AC cooling fan, manufactured by **Delta Electronics**. This series is widely used in server racks, power supply enclosures, and telecommunications equipment.
---
### 1. Technical Specifications
Below is a breakdown of the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC |
| **Frequency** | 50 / 60 Hz |
| **Bearing Type** | Dual Ball Bearing (Enhanced Longevity) |
| **Frame Material** | Die-cast Aluminum |
| **Impeller Material** | Plastic (UL 94V-0 Rated) |
| **Connection Type** | Lead Wires (R/Q Suffix variation) |
| **Safety Approvals** | UL, TUV, CE |
---
### 2. Component Analysis (Suffix Breakdown)
The model number contains specific identifiers for its electronic behavior:
* **W2AC Series:** Indicates an AC axial fan designed for high-efficiency heat dissipation.
* **-A13D:** Refers to the physical dimensions (typically 120mm x 120mm x 38mm) and the specific motor winding design.
* **-R/Q:**
* **R:** Often denotes "Rotation" or "Reverse" polarity protection/sensing features.
* **Q:** Generally indicates a specific noise-reduction rating or a "Quiet" optimized blade geometry.
---
### 3. Key Electronic Features
#### A. Dual Ball Bearing System
Unlike sleeve bearings, the dual ball bearing system in this model is designed for continuous operation at high temperatures. It reduces friction, leading to a MTBF (Mean Time Between Failures) of approximately 50,000 to 70,000 hours.
#### B. Shaded Pole Motor
The internal motor is usually a **shaded-pole induction motor**. This design is electronically simple, making it highly reliable and resistant to electromagnetic interference (EMI).
#### C. Thermal Protection
The motor includes an **Impedance Protection** or **Thermal Link**. If the fan blades are obstructed (Locked Rotor), the electronic resistance increases to prevent the coils from overheating and catching fire.
---
### 4. Wiring and Implementation
The device typically utilizes two or three lead wires:
```cpp
// Standard Wire Color Coding (Variations may apply)
Black/Brown -> Line (L)
Blue/White -> Neutral (N)
Green/Yellow -> Ground (GND - if applicable to frame)
```
- ⤷
What are the airflow (CFM) ratings for the W2AC series?
- ⤷ Can this fan be controlled using a PWM signal or is it fixed speed?
- ⤷ What are the mounting hole dimensions for a 120mm axial fan?