W2AC-A11B-R/Q
AI

The **W2AC-A11B-R/Q** is a specific technical configuration for an industrial-grade **AC Axial Fan**, typically manufactured by brands like **WISTRO** or similar specialized cooling solution providers. These fans are commonly used in heavy-duty applications such as motor cooling (forced ventilation) or industrial enclosures.
---
### 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Model Type** | External Rotor Motor Axial Fan |
| **Voltage Range** | 230V AC (Standard Single Phase) |
| **Frequency** | 50 / 60 Hz |
| **Power Connection** | Terminal Box or Lead Wires (Model dependent) |
| **Bearing Type** | High-precision Ball Bearings |
| **Protection Class** | IP44 or IP54 (Dust/Splash resistant) |
| **Material** | Die-cast aluminum housing / Steel or Plastic blades |
---
### 2. Breakdown of the Part Number Components
While specific manufacturer coding can vary slightly, the alphanumeric string generally breaks down as follows:
* **W2AC:** Indicates the series (often "W" for Wistro, "2" for number of poles, and "AC" for Alternating Current).
* **A11B:** Refers to the physical frame size and motor stack height. "A" usually denotes the aerodynamic design, and "11" relates to the motor diameter or power rating.
* **R/Q:**
* **R:** Often signifies **Rotational direction** or "Reverse" flow.
* **Q:** Usually indicates a **Quick-connect** terminal or a specific "Quiet" operation certification.
---
### 3. Electronic & Mechanical Features
#### A. The External Rotor Motor
Unlike standard motors where the rotor is inside the stator, this fan uses an **external rotor**. The fan blades are attached directly to the outer housing of the motor.
* **Benefit:** Compact design and better heat dissipation for the motor itself.
#### B. Capacitor Requirement
As a single-phase AC motor, this unit typically requires a **Running Capacitor** to create a phase shift for the starting torque.
* *Note:* Using the wrong capacitance value can lead to motor overheating or failure to start.
#### C. Thermal Protection
Most variants in this series include an internal **Thermal Overload Protector (TOP)**. If the motor reaches a critical temperature, the circuit opens to prevent the windings from burning out.
---
### 4. Common Applications
1. **Forced Ventilation:** Attached to the back of electric motors to provide cooling when the motor is running at low speeds via a VFD.
2. **Heat Exchangers:** Used in industrial chillers and condensers.
3. **Control Cabinets:** High-volume air extraction for server rooms or CNC control units.
- ⤷
What is the required capacitor value for the W2AC series?
- ⤷ How do I wire the W2AC-A11B for clockwise vs. counter-clockwise rotation?
- ⤷ What is the difference between the 'R' and 'Q' suffixes in industrial fans?