công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VZPR-BPD-22-R212

  • AI
    The **VZPR-BPD-22-R212** is a specialized pneumatic valve terminal assembly, typically manufactured by **Festo**. It combines pneumatic control with electronic actuation and feedback. ### 1. Electronic Component Breakdown The "electronic" aspect of this part refers to the solenoid coils and the interface used to trigger the valve's mechanical movement. | Component | Description | Specification (Typical) | | :--- | :--- | :--- | | **Solenoid Actuator** | Converts electrical energy into linear mechanical force to shift the valve spool. | 24V DC | | **Coil Power Consumption** | The amount of wattage required to hold the valve in an open or closed state. | Approx. 0.7W - 1.0W | | **Connection Type** | The electrical interface for wiring. | M8 or M12 Plug Connector | | **Switching Logic** | The internal wiring configuration for the electronic signal. | PNP or NPN (Model dependent) | | **Duty Cycle** | The percentage of time the electronic coil can remain energized. | 100% (Continuous Duty) | --- ### 2. Key Technical Specifications From an electronics and control perspective, the device operates under these standard parameters: * **Operating Voltage:** 24 V DC (Standard for industrial PLC systems). * **Voltage Tolerance:** Typically +/- 10% to accommodate fluctuations in power supplies. * **Signal Indication:** Often includes an integrated **LED** (usually yellow or green) to indicate the status of the electrical signal. * **Protection Class:** Usually rated **IP65**, meaning the electronic housing is protected against dust and water jets. --- ### 3. Electronic Control Integration The VZPR-BPD series is designed to interface directly with industrial control hardware: 1. **PLC Output:** A Programmable Logic Controller sends a 24V signal to the valve terminal. 2. **Surge Protection:** Most modern versions include an integrated varistor or diode to suppress "back EMF" (voltage spikes) that occur when the solenoid coil is de-energized. 3. **Feedback Loop:** While the base valve is an actuator, it is often paired with electronic **proximity sensors** (like the SMT-8M series) to send a signal back to the PLC confirming the cylinder position. --- ### 4. Wiring Diagram (Simplified) ```text [ PLC Digital Output (+24V) ] --------> [ Pin 1: Signal In ] [ PLC Common (0V) ] --------> [ Pin 3: Ground ] [ PE / Shield ] --------> [ Pin 4: Earth ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact power consumption of the R212 variant?
    • ⤷ Can this valve be controlled via IO-Link?
    • ⤷ What are the recommended electronic proximity sensors for this valve assembly?