VSML2512S2-R002
AI

The **VSML2512S2-R002** is a specialized electronic component primarily used for current sensing and power management. It belongs to the category of **Metal Foil Low Ohmic Resistors**.
### 1. General Overview
This component is a surface-mount (SMD) resistor designed with a "long-side terminal" construction. This geometry allows for higher power dissipation and better heat distribution compared to standard rectangular chips.
---
### 2. Technical Specifications
The part number can be broken down into specific electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Case Size** | 2512 (Metric 6432) | Large footprint for high power handling. |
| **Resistance Value** | 2 mΩ (0.002 Ω) | Extremely low resistance for current sensing. |
| **Power Rating** | 2W - 3W | Depends on PCB thermal management. |
| **Tolerance** | ±1.0% | High precision for sensing circuits. |
| **TCR** | ±50 ppm/°C | Temperature Coefficient of Resistance; ensures stability. |
| **Material** | Metal Foil / Alloy | Provides low noise and high reliability. |
---
### 3. Key Features
* **AEC-Q200 Compliant:** Often rated for automotive use, meaning it can withstand harsh vibrations and temperature cycles.
* **Long-Side Terminals:** By placing terminals on the longer sides, the distance between electrodes is shorter, reducing internal inductance and improving cooling.
* **High Pulse Withstand:** The metal alloy construction allows it to handle brief surges of current without failing.
---
### 4. Typical Applications
The VSML2512S2-R002 is most commonly found in:
1. **Battery Management Systems (BMS):** Measuring charge and discharge currents in lithium-ion packs.
2. **Motor Controllers:** Monitoring current flow to adjust torque and speed.
3. **DC-DC Converters:** Providing feedback loops for voltage regulation.
4. **Power Inverters:** Used in solar or industrial power conversion.
---
### 5. Footprint Information
When designing a PCB for this part, ensure the landing pads are optimized for heat dissipation.
```text
Standard 2512 Long Side Terminal Dimensions:
Length (L): ~6.40 mm
Width (W): ~3.20 mm
Height (H): ~0.70 mm
```
- ⤷
What are the advantages of long-side terminals versus short-side terminals in shunt resistors?
- ⤷ How do I calculate the voltage drop across a 2mΩ resistor at 10 Amps?
- ⤷ What are the recommended soldering profiles for AEC-Q200 metal foil resistors?