công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VSML2512S1-R005

  • AI
    ## VSML2512S1-R005 Electronic Component Overview The **VSML2512S1-R005** is a high-precision, low-resistance metal strip current sense resistor. These components are primarily used for monitoring electrical current by measuring the voltage drop across the resistor. ### 1. Key Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | | **Case Size (Package)** | 2512 (6.4mm x 3.2mm) | | **Power Rating** | 1 Watt (Standard) up to 3 Watts (Specific series) | | **Tolerance** | ±1% | | **Temperature Coefficient (TCR)** | ±75 ppm/°C | | **Operating Temperature** | -55°C to +170°C | | **Technology** | Metal Strip / Metal Plate | --- ### 2. Functional Characteristics * **Low Resistance Value:** The 5m$\Omega$ value allows for current sensing with minimal power loss ($P = I^2R$) and negligible voltage drop in the circuit. * **Metal Strip Construction:** Unlike thick-film resistors, the metal strip technology provides superior stability, lower noise, and better heat dissipation. * **High Power Density:** The 2512 footprint is designed to handle significant thermal loads, making it ideal for power management systems. * **Low Inductance:** The physical structure results in low parasitic inductance (typically <5nH), which is critical for high-frequency switching applications. --- ### 3. Common Applications This component is typically found in circuits requiring precise current feedback: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. 2. **DC-DC Converters:** Providing feedback loops for voltage regulation and overcurrent protection. 3. **Motor Controllers:** Measuring phase current to ensure smooth motor operation. 4. **Power Supplies:** Implementing "Current Mode" control in switching power supplies. --- ### 4. Part Number Breakdown (Typical) ```text V S M L 2512 S1 - R005 | | | | | | | | | | | | | +-- Resistance: 0.005 Ohms | | | | | +------------ Power Rating/Terminals | | | | +------------------ Package Size: 2512 +---+---+---+----------------------- Series Identifier (Metal Strip) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 1W power rating?
    • ⤷ How does 'Metal Strip' technology compare to 'Thick Film' for current sensing?
    • ⤷ What are the recommended PCB pad layouts for 2512 resistors to ensure heat dissipation?