VS2-CAA-R/
AI

The **VS2-CAA-R** is a specific configuration of the **Vicor MegaPAC (Westcor)** series. This is a high-density, field-configurable AC-DC power supply. The part number corresponds to a modular system built using Vicor’s DC-DC converter modules (VI-200 or VI-J00 series).
---
## 1. Part Number Breakdown
The alphanumeric code describes the chassis type and the specific output modules installed in the slots.
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **VS2** | Chassis Series | MegaPAC (Dual Phase / High Power Chassis) |
| **C** | Slot 1 Module | Typically a 15V or specific voltage Vicor module |
| **A** | Slot 2 Module | Typically a 5V Vicor module |
| **A** | Slot 3 Module | Typically a 5V Vicor module |
| **R** | Configuration/Option | Often denotes RoHS compliance or specific revision/cooling |
---
## 2. Key Electronic Components & Subsystems
The VS2-CAA-R is composed of several critical electronic stages:
### A. Input Front-End (Chassis)
* **EMI Filter:** High-performance line filters to reduce conducted emissions.
* **Bridge Rectifier:** Converts incoming AC (115/230VAC) to a high-voltage DC bus.
* **Power Factor Correction (PFC):** Most MegaPAC units include active PFC to ensure current is drawn in phase with the voltage, maximizing efficiency.
### B. Output Modules (The "CAA" portion)
The unit uses **Vicor VI-200/VI-J00** modules. These are the "bricks" inside the box:
* **Zero-Current Switching (ZCS):** Unlike standard PWM power supplies, these modules use ZCS topology. This minimizes switching losses and allows for high frequency (MHz range) operation.
* **Isolation Transformers:** High-frequency planar transformers provide galvanic isolation between input and output.
* **Feedback Loop:** Each module (C, A, and A) has its own independent regulation loop, allowing for precise voltage control even under varying loads.
### C. Control & Protection Circuits
* **Remote Sense:** Terminals to compensate for voltage drops across long output wires.
* **Output Trim:** Internal potentiometers or external resistors can adjust the output voltage (usually $\pm 10\%$).
* **Protective Features:**
* **OVP (Over Voltage Protection):** Latches the unit off if the output exceeds safety limits.
* **OTP (Over Temperature Protection):** Thermal sensors on the baseplate shut down the modules if cooling fails.
---
## 3. Electrical Specifications (General)
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 85-264 VAC (Universal) or 115/230 Selectable |
| **Total Power** | Typically 600W to 1200W depending on cooling |
| **Cooling** | Internal DC Fan |
| **Efficiency** | 80% - 90% (depending on module load) |
---
## 4. Usage Warning
Because the **VS2-CAA-R** is a modular supply, the "C" and "A" designations refer to specific pre-configured voltages defined in the Vicor catalog.
* **A** usually denotes **5V**.
* **C** usually denotes **15V**.
* **Always verify the label on the physical unit**, as these can be customized by the factory for specific industrial clients.
- ⤷
What are the exact voltage and amperage ratings for the C and A module codes?
- ⤷ How do I adjust the output voltage on a Vicor MegaPAC?
- ⤷ What is the procedure for replacing an individual module within the VS2 chassis?