VS2-1DC-R/
AI

The **VS2-1DC-R** is a specific model within the **VS Series** of electronic components, typically manufactured by companies like **Keyence**. It is a high-performance vision system controller or an amplifier unit used in industrial automation for inspection and quality control.
---
### 1. Technical Specifications
The part number breaks down into several key electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Input Type** | DC (Direct Current) | Operates on 24V DC power standard for PLC environments. |
| **Output Type** | Relay/Transistor | The "R" usually signifies a Relay output or specific Response type. |
| **Communication** | Serial/Digital | Supports high-speed data transfer for vision processing. |
| **Mounting** | DIN-Rail | Designed to be clipped onto a standard 35mm DIN rail in a control panel. |
---
### 2. Core Electronic Components
Inside a unit like the VS2-1DC-R, the following electronic subsystems are present:
1. **Image Processor (DSP/FPGA):** The "brain" that analyzes incoming video signals from the camera head to detect flaws or measure dimensions.
2. **Power Conditioning Circuitry:** Includes optoisolators and voltage regulators to protect the sensitive internal logic from industrial electrical noise and surges.
3. **I/O Interface:**
* **Inputs:** Trigger inputs to tell the system when to capture an image.
* **Outputs:** Signal lines (OK/NG) to trigger an ejector arm or stop a conveyor.
4. **A/D Converters:** High-speed Analog-to-Digital converters that translate the light sensor data from the lens into digital data for the processor.
---
### 3. Connection and Wiring
To integrate the VS2-1DC-R into a system, the wiring typically follows this logic:
```yaml
Terminal Connection Guide:
- 24V DC: Main power supply (+)
- 0V DC: Common ground (-)
- Input 1: External Trigger (e.g., Proximity Sensor)
- Output 1: "Pass" Signal to PLC
- Output 2: "Fail" Signal to Alarm/Solenoid
- RS-232C/USB: Connection for PC configuration
```
---
### 4. Key Functional Features
* **High-Speed Processing:** Capable of processing dozens of inspections per second.
* **Edge Detection:** Electronic algorithms identify the boundaries of objects to ensure precise placement.
* **Compact Form Factor:** Designed for space-saving inside electrical cabinets.
- ⤷
What is the pinout diagram for the VS2-1DC-R power connector?
- ⤷ Can this unit be interfaced with an NPN or PNP PLC logic?
- ⤷ Which camera models are compatible with the VS2 series controllers?