VS-ST1280C..K
AI

## Overview of the VS-ST1280C..K Series
The **VS-ST1280C..K** series consists of Phase Control Thyristors (SCRs) in a "Hockey Puk" (press-pack) configuration. These are high-power semiconductors designed for industrial applications requiring high current and high voltage regulation.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this series:
| Parameter | Symbol | Value (Typical) |
| :--- | :---: | :--- |
| **Average On-State Current** | $I_{T(AV)}$ | 1280 A |
| **RMS On-State Current** | $I_{T(RMS)}$ | 2510 A |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 400 V to 600 V |
| **Max. Peak One Cycle Surge** | $I_{TSM}$ | 23.5 kA (@ 50Hz) |
| **Gate Trigger Current** | $I_{GT}$ | 200 mA |
| **Junction Operating Temperature** | $T_J$ | -40°C to +125°C |
---
### 2. Physical and Mechanical Features
These devices are engineered for heavy-duty environments:
* **Package Type:** B-8 (Hockey Puk).
* **Mounting:** Requires a specific clamping force (typically around 22.2 kN) to ensure optimal electrical and thermal contact between the device and the heat sink.
* **Dual Cooling:** The flat design allows for double-sided cooling, significantly increasing the current-carrying capacity compared to stud-mount versions.
---
### 3. Functional Operation
The VS-ST1280C..K operates as a controlled switch:
1. **Forward Blocking:** The device remains off even when a forward voltage is applied.
2. **Triggering:** When a small pulse is applied to the **Gate**, the device latches into a conducting state.
3. **Conduction:** It continues to conduct as long as the current remains above the "holding current" level.
4. **Turn-off:** It turns off only when the current drops to zero or the polarity is reversed (natural commutation).
---
### 4. Common Applications
Due to their high power handling, these parts are used in:
* **DC Motor Controls:** Speed and torque regulation for large industrial motors.
* **Power Supplies:** Large scale battery chargers and electrochemical plating.
* **AC Switches:** Solid-state contactors for heavy resistive or inductive loads.
* **Soft Starters:** Reducing inrush current in three-phase motors.
---
### 5. Part Number Identification
The suffix letters and numbers define specific voltage ratings:
* **VS-ST1280C04K:** 400V Repetitive Peak Voltage.
* **VS-ST1280C06K:** 600V Repetitive Peak Voltage.
- ⤷
What are the specific cooling requirements for the B-8 package?
- ⤷ How does the gate trigger voltage (VGT) affect the circuit design for this thyristor?
- ⤷ What are the recommended clamping forces for the VS-ST1280C series?