công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VS-ST1200C..K

  • AI
    ## Technical Overview: VS-ST1200C..K Series The **VS-ST1200C..K** is a high-power, phase-control thyristor (SCR) manufactured by Vishay. It is designed for industrial applications requiring high current handling and robust voltage blocking capabilities. --- ### 1. Key Technical Specifications These devices are "Hockey Puk" (Press-Pack) style components, characterized by their high thermal conductivity and pressure-contact interfaces. | Parameter | Value | | :--- | :--- | | **Type** | Phase Control Thyristor (SCR) | | **Average On-State Current ($I_{T(AV)}$)** | 1200 A (at $T_C = 55^\circ C$) | | **RMS On-State Current ($I_{T(RMS)}$)** | ~2300 A | | **Voltage Range ($V_{DRM}/V_{RRM}$)** | 1200 V to 2000 V (depending on suffix) | | **Peak Surge Current ($I_{TSM}$)** | ~28,000 A (at 50Hz) | | **Package Style** | B-PUK (TO-200AC) | --- ### 2. Physical Construction The "K" in the part number suffix typically refers to the specific package housing and mounting dimensions. * **Package Type:** TO-200AC (B-PUK). * **Mounting:** Requires a specific clamping force (heatsink pressure) to ensure electrical contact and thermal dissipation. * **Hermetic Seal:** The ceramic-to-metal seal provides high reliability in harsh environments. * **Gate Lead:** Features a permanent auxiliary cathode and gate lead for triggering. --- ### 3. Electrical Characteristics #### A. Switching Performance * **$V_{GT}$ (Gate Trigger Voltage):** Typically requires ~3.0V to turn on. * **$I_{GT}$ (Gate Trigger Current):** Typically requires ~200mA for reliable triggering. * **$dv/dt$:** High critical rate of rise of off-state voltage (typically 1000 V/µs). #### B. Thermal Performance Because these parts handle thousands of Amperes, thermal management is critical: * **Double-side cooling:** The puck design allows heat to be pulled from both the anode and cathode faces simultaneously. * **$R_{thJ-hs}$:** Very low thermal resistance between junction and heatsink. --- ### 4. Common Applications Due to its high power rating, the VS-ST1200C..K is used in: 1. **Industrial DC Drives:** Controlling large motor speeds. 2. **AC Soft Starters:** Reducing inrush current in heavy machinery. 3. **Induction Heating:** Power supplies for metal melting/treatment. 4. **Welding Equipment:** High-current rectification and control. 5. **HVDC Converters:** Large-scale power distribution. --- ### 5. Part Number Breakdown Example: **VS-ST1200C16K0** * **VS:** Vishay Semiconductors. * **ST:** Phase Control Thyristor. * **1200:** Nominal average current ($I_{T(AV)}$). * **C:** Press-pack (Puk) housing. * **16:** Voltage rating (16 x 100 = 1600V). * **K:** Package type identifier. * **0:** Lead/Terminal configuration.
    ✨ Follow-up Questions
    • ⤷ What is the recommended clamping force for the B-PUK package?
    • ⤷ How does double-side cooling compare to single-side cooling in this SCR?
    • ⤷ What protection circuits (like snubbers) are recommended for the VS-ST1200C series?