công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VPM-S500-R

  • AI
    The **VPM-S500-R** is a high-performance, compact vacuum pressure sensor/switch, commonly utilized in industrial automation for pneumatic systems. Below is a detailed breakdown of its electronic components, specifications, and wiring structure. --- ### 1. Technical Specifications The core electronic profile of the VPM-S500-R is designed for precision and stability in industrial environments. | Feature | Specification | | :--- | :--- | | **Pressure Range** | -101.3 to 500.0 kPa (Standard Range) | | **Power Supply** | 12 to 24V DC ±10% (Ripple P-P 10% or less) | | **Current Consumption** | ≤ 40 mA (at 24V DC) | | **Output Type** | Dual PNP Open Collector (typically) | | **Response Time** | ≤ 2.5ms (with anti-chatter function) | | **Display** | 3½ digit, 2-color (Red/Green) LED | --- ### 2. Key Electronic Components #### A. Sensing Element The device typically uses a **Piezoresistive Silicon Pressure Sensor**. This component converts physical vacuum/pressure into a linear electrical signal. When pressure is applied, the resistance of the silicon diaphragm changes, which is then processed by an internal Wheatstone bridge circuit. #### B. Signal Conditioning & MCU * **Analog-to-Digital Converter (ADC):** Translates the raw voltage from the sensor into a digital format. * **Microcontroller (MCU):** Manages the logic for set-points, hysteresis, and the "Copy Function" (which allows settings to be transferred between multiple units). * **Temperature Compensation:** Internal circuitry ensures that the pressure readings remain accurate despite fluctuations in the ambient temperature. #### C. Output Circuitry The "R" in the model number often denotes the specific output configuration (usually PNP for European/Global standards): * **Dual Outputs:** Allows for two independent set points (e.g., Output 1 for "Target Reached" and Output 2 for "System Error"). * **Short Circuit Protection:** Built-in protection to prevent damage if the output wires are accidentally grounded. --- ### 3. Wiring Diagram Structure The VPM-S500-R typically uses a 4-wire or 5-wire connection system via an M8 connector or lead wire. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +V | Positive Power Supply (12-24V DC) | | **Blue** | 0V | Common Ground | | **Black** | Output 1 | Primary PNP/NPN Switch Output | | **White** | Output 2 / Analog | Secondary Switch or 1-5V Analog Output | --- ### 4. Operational Modes 1. **Hysteresis Mode:** The user sets a "Set Point" (P-1) and a "Hysteresis" (H-1) to prevent the switch from flickering when the pressure is near the limit. 2. **Window Comparator Mode:** The output stays active only when the pressure is within a specific range (High/Low limits). 3. **Auto-set / Zero-adjustment:** Electronic calibration to reset the atmospheric pressure reference to zero. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PNP and NPN versions of this sensor?
    • ⤷ How do you program the hysteresis values on the VPM-S500-R?
    • ⤷ Can this sensor provide an analog 4-20mA output instead of a switch?