công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VOS2T-R-3201

  • AI
    The **VOS2T-R-3201** is a specific part number often associated with **Optical Receiver Modules** used in Fiber-to-the-Home (FTTH) and CATV (Cable TV) transmission systems. These modules are designed to convert optical signals back into electrical Radio Frequency (RF) signals. ### 1. Technical Specifications Below are the typical technical parameters for this category of optical receiver: | Parameter | Specification (Typical) | | :--- | :--- | | **Operating Wavelength** | 1100nm to 1620nm | | **Optical Input Power** | -15 dBm to +2 dBm | | **RF Frequency Range** | 45 MHz to 1000 MHz (1 GHz) | | **Output Impedance** | 75 $\Omega$ | | **Power Supply** | +12V DC (Typical) | | **Connector Type** | SC/APC (Optical), F-Type (RF) | --- ### 2. Key Electronic Components The internal circuitry of the VOS2T-R-3201 consists of several critical stages: #### A. Photodiode (Optical-to-Electrical Converter) The heart of the module is a high-sensitivity **InGaAs PIN photodiode**. It detects the incoming light pulses and generates a proportional electrical current. #### B. Transimpedance Amplifier (TIA) Because the current produced by the photodiode is extremely small, a TIA is used to convert that current into a usable voltage signal while keeping noise to a minimum. #### C. RF Gain Stage After conversion, the signal is amplified using **GaAs (Gallium Arsenide) MMIC** technology. This ensures low distortion (CTB/CSO) and a high output level suitable for distribution to multiple televisions or cable modems. #### D. Filtering and Protection * **Low Pass/High Pass Filters:** To ensure only the desired frequency range (45-1000MHz) is transmitted. * **ESD Protection:** Circuitry to protect the sensitive internal semiconductors from static discharge or power surges. --- ### 3. Application Use-Case The VOS2T-R-3201 is primarily used in **FTTH Triple Play** networks. It acts as the "Optical Node" at the subscriber's premises: 1. **Input:** Fiber optic cable carrying video data. 2. **Process:** The VOS2T-R-3201 converts the light to RF. 3. **Output:** Coaxial cable connected directly to a Set-Top Box or Television.
    ✨ Follow-up Questions
    • ⤷ What are the differences between SC/APC and SC/UPC connectors for this module?
    • ⤷ How does the optical input power level affect the RF output quality?
    • ⤷ Can this module handle return path signals for internet upstream data?