công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VOS2T-R-21R2

  • AI
    The **VOS2T-R-21R2** is a specialized precision sensing component, typically associated with optical encoder modules or optical sensors used in industrial automation and motor control. ### 1. Key Technical Specifications The following table outlines the general electronic characteristics of this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Optical Sensor / Encoder Module | | **Operating Voltage (Vcc)** | 3.3V to 5.0V DC | | **Resolution** | High-precision pulse count (variable by model) | | **Output Type** | Digital (Square Wave) | | **Mounting Style** | Surface Mount (SMD) or Specific Connector | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Electronic Component Breakdown The VOS2T-R-21R2 consists of several integrated electronic sub-parts that work in unison: #### A. Infrared (IR) Emitter * **Function:** A Gallium Arsenide (GaAs) LED that produces a constant beam of light. * **Role:** Acts as the light source that is either interrupted by a code wheel or reflected to provide positioning data. #### B. Photodetector Array * **Function:** Highly sensitive photodiodes integrated into an Application Specific Integrated Circuit (ASIC). * **Role:** Converts the received light signals into tiny electrical currents. #### C. Signal Processing Circuitry (Internal) The module contains internal logic to clean up the raw analog signal: 1. **Amplifier:** Increases the weak signal from the photodetector. 2. **Comparator/Schmitt Trigger:** Converts the analog waves into clean **Digital Square Waves** to prevent "jitter" or false triggers. #### D. Output Interface * **Channels:** Usually provides A and B quadrature outputs. * **Phase Shift:** The internal electronics ensure a 90-degree phase shift between channels, allowing the system to determine both **speed** and **direction**. --- ### 3. Pin Configuration Overview While specific pinouts can vary based on the physical housing, the electronic interface generally follows this logic: 1. **Vcc:** Power Input (+). 2. **GND:** Ground (0V). 3. **Channel A:** Pulse output for speed calculation. 4. **Channel B:** Pulse output (offset) for direction detection. 5. **Index (Optional):** A "Z" channel for zero-positioning. --- ### 4. Common Applications * **Robotics:** Precise joint angle feedback. * **Printers/Scanners:** Controlling the movement of the print head or paper feed. * **Automotive:** Steering angle sensors or throttle position. * **Industrial Motors:** Feedback for Brushless DC (BLDC) motors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse frequency supported by the VOS2T-R-21R2?
    • ⤷ How does quadrature encoding determine the direction of rotation?
    • ⤷ What are the specific wiring requirements for noise reduction in this sensor?