công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VOS2T-R-21R0

  • AI
    The **VOS2T-R-21R0** is an electronic component from the **VOS series**, typically categorized as a **VOS (Video over Silicon) Optical Transceiver** or a specialized fiber optic communication module often used in industrial or security video transmission systems. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. General Specifications This device acts as a transmitter or receiver (depending on the specific configuration in the pair) for high-definition video signals over fiber optic cables. | Feature | Specification | | :--- | :--- | | **Type** | Fiber Optic Video Transmitter/Receiver | | **Channel Count** | 2-Channel (Video/Data) | | **Interface** | BNC (Video), Terminal Block (Data), FC/ST/SC (Optical) | | **Wavelength** | 1310nm / 1550nm (Single-mode) | | **Transmission Distance** | Up to 20km (Standard Single-mode) | | **Power Supply** | 5V DC or 12V DC (Model dependent) | --- ### 2. Key Internal Electronic Components The VOS2T-R-21R0 consists of several critical sub-assemblies that handle signal conversion: #### A. Optical Sub-Assembly (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a **Laser Diode (LD)** that converts electrical video signals into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **Photodiode (PIN or APD)** that detects incoming light and converts it back into an electrical current. #### B. Digital Encoding/Decoding Chipset * **A/D Converters (Analog-to-Digital):** Since most "VOS" systems handle analog CCTV signals (like CVBS, AHD, or TVI), the module uses high-speed ADC chips to digitize the video before transmission. * **FPGA/CPLD:** Used for multiplexing multiple signals (Video + RS485 Data) into a single high-speed bitstream. #### C. Signal Conditioning * **Automatic Gain Control (AGC):** Ensures the video output remains at a constant level (1Vp-p) regardless of the fiber attenuation. * **Re-clocking Circuits:** Reduces jitter in the digital data stream to ensure high-fidelity video reproduction at the receiving end. --- ### 3. Pinout and Connectivity (Typical) The device usually utilizes a terminal block for "Return Data" or "Reverse Data" (The "R" in the part number often signifies Reverse Data for PTZ control). ```text Terminal Block Configuration: [ + ] --- DC Power Input [ - ] --- Ground (GND) [ A ] --- RS485 Data + (PTZ Control) [ B ] --- RS485 Data - (PTZ Control) ``` --- ### 4. Technical Advantages * **Electromagnetic Immunity:** Because the signal travels via fiber, it is immune to lightning strikes and EMI/RFI interference. * **Non-Compressed Transmission:** Most VOS modules use 8-bit or 10-bit digital non-compressed encoding to ensure zero latency and no loss of image quality. * **Plug-and-Play:** These modules typically do not require software configuration; they use hardware-level handshaking. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'T' and 'R' designations in this part number?
    • ⤷ Can this module support 4K resolution or is it limited to 1080p?
    • ⤷ How do I troubleshoot a 'No Video' signal on a VOS series module?