công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VLS3P080R2

  • AI
    The **VLS3P080R2** is a high-performance Power MOSFET designed primarily for switching applications, power management, and motor control. It belongs to the Trench MOSFET family, which is optimized for low on-resistance and high efficiency. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the VLS3P080R2: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Continuous Drain Current** | $I_D$ | 80 | A | | **Static On-Resistance** | $R_{DS(on)}$ | 2.5 - 3.5 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Total Gate Charge** | $Q_g$ | 45 | nC | | **Operating Temperature** | $T_j$ | -55 to +175 | °C | --- ### 2. Functional Description The VLS3P080R2 operates as an **N-Channel enhancement mode MOSFET**. Here are the core electronic parts of its operation: * **Trench Technology:** The device uses a vertical trench structure. This increases the density of the channel area, allowing for a significantly lower **$R_{DS(on)}$** (On-Resistance). This reduces conduction losses and heat generation. * **Gate Oxide Layer:** A thin insulating layer that separates the gate from the channel. It allows the device to be voltage-controlled rather than current-controlled, leading to high input impedance. * **Internal Body Diode:** It includes a high-speed source-drain diode, which is essential for inductive load applications (like motors) to provide a path for freewheeling current. --- ### 3. Application Use-Cases The electronic properties of this MOSFET make it suitable for several specific roles: 1. **DC-DC Converters:** Used in the "Buck" or "Boost" stages to efficiently step voltage up or down. 2. **Battery Management Systems (BMS):** Acts as a high-current switch to protect battery cells from over-discharge or short circuits. 3. **Load Switching:** Used in power distribution networks to turn specific circuit segments on or off with minimal power loss. 4. **Motor Drivers:** Ideal for H-bridge configurations in robotics and automotive electronics. --- ### 4. Typical Circuit Example (Basic Switch) ```cpp // Schematic representation of MOSFET integration [Control Signal] ---> [Gate Resistor (10-47 Ohm)] ---> Gate (Pin 1) [Power Supply +] ---> [Load] ---> Drain (Pin 2/Tab) [Ground/Return] ---> Source (Pin 3) ``` *The Gate Resistor is crucial to dampen oscillations during the high-speed switching of the VLS3P080R2.*
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance rating of the VLS3P080R2 package?
    • ⤷ How does the RDS(on) change as the junction temperature increases?
    • ⤷ What are the recommended gate driver ICs for this MOSFET?